Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 46Page - OSRAM GmbH TMD4903 Datasheet HTML 47Page - OSRAM GmbH TMD4903 Datasheet HTML 48Page - OSRAM GmbH TMD4903 Datasheet HTML 49Page - OSRAM GmbH TMD4903 Datasheet HTML 50Page - OSRAM GmbH TMD4903 Datasheet HTML 51Page - OSRAM GmbH TMD4903 Datasheet HTML 52Page - OSRAM GmbH TMD4903 Datasheet HTML 53Page - OSRAM GmbH TMD4903 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
Datasheet, Public
Page 49
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Register Description
Autozero Configuration Register
(AZ_CONFIG 0xD6)
Figure 61:
Autozero Configuration Register
Calibration Register (CALIB 0xD7)
Figure 62:
Calibration Register
76
5
4
3
2
10
AZ_NTH_ITERATION
Field
Bits
Description
AZ_NTH_ITERATION
7:0
ALS Autozero Frequency. Sets the frequency at which the device
performs autozero of the ALS pulse counter.
VALUE
AUTOZERO FREQUENCY
0
Never
1Every cycle
2Every 2 cycles
…Every (AZ_NTH_ITERATION) cycles
253
Every 253 cycles
254
Every 254 cycles
255
Only once (before 1st cycle)
76
5
4
3
2
1
0
Reserved
START_
OFFSET_CALIB
Field
Bits
Description
Reserved
7:1
Reserved.
START_OFFSET_
CALIB
0
Start Offset Calibration. Starts the proximity offset register calibration
routine. Results are stored in the Proximity Offset Registers (0xC0 – 0xC7).
The CALIB_FINISHED flag is asserted when calibration is complete and an
interrupt (CINT) is asserted if CIEN is set. Calibration can be stopped by
writing a 0 to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com