Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 25Page - OSRAM GmbH TMD4903 Datasheet HTML 26Page - OSRAM GmbH TMD4903 Datasheet HTML 27Page - OSRAM GmbH TMD4903 Datasheet HTML 28Page - OSRAM GmbH TMD4903 Datasheet HTML 29Page - OSRAM GmbH TMD4903 Datasheet HTML 30Page - OSRAM GmbH TMD4903 Datasheet HTML 31Page - OSRAM GmbH TMD4903 Datasheet HTML 32Page - OSRAM GmbH TMD4903 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
Interrupt Persistence Register (PERS 0x8C)
Figure 32:
Interrupt Persistence Register
7
6
543
21
0
PPERS
APERS
Field
Bits
Description
PPERS
7:4
Proximity Interrupt Persistence. Defines a filter for the number of consecutive
occurrences that PDATA must remain outside the threshold range between PILT and
PIHT before an interrupt is generated. Any sample that is inside the threshold range
resets the counter to 0.
VALUE
CONSECUTIVE OCCURENCES OUT OF RANGE
0
Every proximity cycle generates an interrupt
1
Generate interrupt after every occurrence.
2
Generate interrupt after 2 occurrences.
...
Generate interrupt after PPERS occurrences.
15
Generate interrupt after 15 occurrences.
APERS
3:0
ALS Interrupt Persistence. Defines a filter for the number of consecutive occurrences
that CDATA must remain outside the threshold range between AILT and AIHT before an
interrupt is generated. Any sample that is inside the threshold range resets the counter
to 0.
VALUE
CONSECUTIVE OCCURENCES OUT OF RANGE
0
Every ALS cycle generates an interrupt
1
Generate interrupt after every occurrence.
2
Generate interrupt after 2 occurrences.
3
Generate interrupt after 3 occurrences.
4
Generate interrupt after 5 occurrences.
5
Generate interrupt after 10 occurrences.
…
Generate interrupt after 5 X (APERS -3) occurrences.
14
Generate interrupt after 55 occurrences.
15
Generate interrupt after 60 occurrences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com