Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 61 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 61 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 57Page - OSRAM GmbH TSL2520 Datasheet HTML 58Page - OSRAM GmbH TSL2520 Datasheet HTML 59Page - OSRAM GmbH TSL2520 Datasheet HTML 60Page - OSRAM GmbH TSL2520 Datasheet HTML 61Page - OSRAM GmbH TSL2520 Datasheet HTML 62Page - OSRAM GmbH TSL2520 Datasheet HTML 63Page - OSRAM GmbH TSL2520 Datasheet HTML 64Page - OSRAM GmbH TSL2520 Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
Page 60
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Soldering & Storage Information
Figure 81:
Solder Reflow Profile Graph
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping. Devices are dry packed in a sealed
aluminized envelope called a moisture-barrier bag with silica
gel to protect them from ambient moisture during shipping,
handling, and storage before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 24 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 24 months
• Ambient Temperature: <40°C
• Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed
the 24 months shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.
Not to Scale – For Reference Only
TP
Time (seconds)
tL
TL
TC - 5°C
tP
25
Tsmin
Tsmax
Preheat Area
Max Ramp Up Rate = 3°C/s
Max Ramp Down Rate = 6°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com