Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 4Page - OSRAM GmbH TSL2520 Datasheet HTML 5Page - OSRAM GmbH TSL2520 Datasheet HTML 6Page - OSRAM GmbH TSL2520 Datasheet HTML 7Page - OSRAM GmbH TSL2520 Datasheet HTML 8Page - OSRAM GmbH TSL2520 Datasheet HTML 9Page - OSRAM GmbH TSL2520 Datasheet HTML 10Page - OSRAM GmbH TSL2520 Datasheet HTML 11Page - OSRAM GmbH TSL2520 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Datasheet, Public
Page 7
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Timing Characteristics
The timing parameters are specified by design and
characterization and are not production tested unless
otherwise noted. All parameters are measured with VDD = 1.8 V
and TA = 25°C unless otherwise noted.
Figure 9:
I²C Timing Characteristics of TSL2520
Symbol
Parameter
Min
Typ
Max
Unit
fSCL
I²C clock frequency
0
400
kHz
tBUF
Bus free time between start and stop condition
1.3
μs
tHD;STA
Hold time after (repeated) start condition. After this
period, the first clock is generated
0.6
tSU;STA
Repeated start condition setup time
0.6
tSU;STO
Stop condition setup time
0.6
tLOW
SCL clock low period
1.3
tHIGH
SCL clock high period
0.6
tHD;DAT
Data hold time
0
ns
tSU;DAT
Data setup time
100
tF
Clock/data fall time
300
tR
Clock/data rise time
300
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com