Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 15Page - OSRAM GmbH TSL2520 Datasheet HTML 16Page - OSRAM GmbH TSL2520 Datasheet HTML 17Page - OSRAM GmbH TSL2520 Datasheet HTML 18Page - OSRAM GmbH TSL2520 Datasheet HTML 19Page - OSRAM GmbH TSL2520 Datasheet HTML 20Page - OSRAM GmbH TSL2520 Datasheet HTML 21Page - OSRAM GmbH TSL2520 Datasheet HTML 22Page - OSRAM GmbH TSL2520 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
Page 18
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
MEAS_MODE0 Register
Figure 20:
MEAS_MODE0
Note(s):
1. Return to the Register Map (0x81).
Addr: 0x81
MEAS_MODE0
Bit
Field
Reset
Type
Bit Description
7
STOP_AFTER_NTH_
ITERATION
0R/W
Stops a measurement after nth iterations by
setting AEN to 0. PON will stay at 1. Per default it
stops after one measurement, which can be used
for manual calibration.
6
ENABLE_AGC_ASAT_
DOUBLE_STEP_DOWN
0R/W
Enables two gain steps down at once in case of an
analogue AGC saturation and at a gain step still
>0. This will allow a faster reach of 25% full-scale
range and a more prompt reaction if analogue
saturations occurs.
5
MEASUREMENT_
SEQUENCER_SINGLE_
SHOT_MODE
0R/W
Start one measurement cycle with sequencer
settings and stop it by asserting Sleep After
Interrupt (SAI).
4Reserved
0
3:0
ALS_SCALE
0x4
R/W
ALS_SCALE is used to avoid that redundant ALS
MSBs are transmitted and are reducing possible
resolution, since the ALS data register is only 16
bits wide (internally the result can be 26 bits wide
= 11-bit samples + 11-bit sampling time + 4-bit
residuals - ALS_MSB_POSITION). The ALS_SCALE
register defines the number of MSBs which must
be 0 so that the scaled representation is used in
the ALS data registers instead of the unscaled
representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com