Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 8Page - OSRAM GmbH TSL2520 Datasheet HTML 9Page - OSRAM GmbH TSL2520 Datasheet HTML 10Page - OSRAM GmbH TSL2520 Datasheet HTML 11Page - OSRAM GmbH TSL2520 Datasheet HTML 12Page - OSRAM GmbH TSL2520 Datasheet HTML 13Page - OSRAM GmbH TSL2520 Datasheet HTML 14Page - OSRAM GmbH TSL2520 Datasheet HTML 15Page - OSRAM GmbH TSL2520 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Datasheet, Public
Page 11
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Detailed Description
Upon power-up, POR, the device initializes. During initialization
(typically 500μs), the device will deterministically send NAK on
I²C and cannot accept I²C transactions. All communication with
the device must be delayed, and all outputs from the device
must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If an I²C transaction occurs
during this state, the I²C core wakes up temporarily to service
the communication. Once the Power ON bit, PON, is enabled,
the device enters the IDLE state in which the internal oscillator
and attendant circuitry are active, but power consumption
remains low. Whenever a function is enabled
(AEN = 1)the device exits the IDLE state. If all functions are
disabled (AEN = 0), the device returns to the IDLE state.
If sleep after Interrupt is enabled (SAI = 1 in register 0xA1), the
state machine will enter SLEEP when an interrupt occurs.
Entering SLEEP does not automatically change any of the
register settings (e.g. PON bit is still high, but the normal
operational state is over-ridden by SLEEP state). SLEEP state is
terminated when the SAI_ACTIVE bit is cleared (the status bit is
in register 0x9F and the clear status bit is in register 0xB1).
State Machine Diagrams
Figure 15:
Simplified State Diagram
Detailed Description
AEN
IDLE
ALS
SLEEP
PON
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com