Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 47Page - OSRAM GmbH TSL2520 Datasheet HTML 48Page - OSRAM GmbH TSL2520 Datasheet HTML 49Page - OSRAM GmbH TSL2520 Datasheet HTML 50Page - OSRAM GmbH TSL2520 Datasheet HTML 51Page - OSRAM GmbH TSL2520 Datasheet HTML 52Page - OSRAM GmbH TSL2520 Datasheet HTML 53Page - OSRAM GmbH TSL2520 Datasheet HTML 54Page - OSRAM GmbH TSL2520 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
Page 50
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
MEAS_SEQR_STEP3_MOD_PHDX_SMUX_H Register
Figure 67:
MEAS_SEQR_STEP3_MOD_PHDX_SMUX_H
Note(s):
1. Return to the Register Map (0xE3).
MOD_CALIB_CFG0 Register
Figure 68:
MOD_CALIB_CFG0
Note(s):
1. Return to the Register Map (0xE4).
Addr: 0xE3
MEAS_SEQR_STEP3_MOD_PHDX_SMUX_H
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:2
MEASUREMENT_
SEQUENCER_STEP3_
MOD_PHD5_SMUX
00b
R/W
Defines connection of photodiode 5 to modulator
for sequencer step 3
00: No connection
01: Modulator 0
10: Modulator 1
1:0
MEASUREMENT_
SEQUENCER_STEP3_
MOD_PHD4_SMUX
11b
R/W
Defines connection of photodiode 4 to modulator
for sequencer step 3
00: No connection
01: Modulator 0
10: Modulator 1
Addr: 0xE4
MOD_CALIB_CFG0
Bit
Field
Reset
Type
Bit Description
7:0
MOD_CALIB_NTH_
ITERATION
0xFF
R/W
Defines the repetition rate of calibrations in
sequencer rounds or steps depending on MOD_
CALIB_NTH_ITERATION_STEP_ENABLE.
0x00: Never
0x01-0xFE: Every nth time
0xFF: Only once at start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com