Electronic Components Datasheet Search
  English  ▼

X  

TSL2520 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 11Page - OSRAM GmbH TSL2520 Datasheet HTML 12Page - OSRAM GmbH TSL2520 Datasheet HTML 13Page - OSRAM GmbH TSL2520 Datasheet HTML 14Page - OSRAM GmbH TSL2520 Datasheet HTML 15Page - OSRAM GmbH TSL2520 Datasheet HTML 16Page - OSRAM GmbH TSL2520 Datasheet HTML 17Page - OSRAM GmbH TSL2520 Datasheet HTML 18Page - OSRAM GmbH TSL2520 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
Page 14
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Figure 17. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 17:
Register Map
Addr
Name
Description
Reset
0x40
MOD_CHANNEL_CTRL
Modulator channel control
0x00
0x80
ENABLE
Enables device states
0x00
0x81
MEAS_MODE0
Measurement mode settings 0
0x04
0x82
MEAS_MODE1
Measurement mode settings 1
0x0C
0x83
SAMPLE_TIME0
ALS measurement time settings 0 [7:0]
0xB3
0x84
SAMPLE_TIME1
ALS measurement time settings 1 [10:8]
0x00
0x85
ALS_NR_SAMPLES0
ALS measurement time settings 0 [7:0]
0x00
0x86
ALS_NR_SAMPLES1
ALS measurement time settings 1 [10:8]
0x00
0x89
WTIME
Wait time
0x00
0x8A
AILT0
ALS Interrupt Low Threshold [7:0]
0x00
0x8B
AILT1
ALS Interrupt Low Threshold [15:8]
0x00
0x8C
AILT2
ALS Interrupt Low Threshold [23:16]
0x00
0x8D
AIHT0
ALS Interrupt High Threshold [7:0]
0x00
0x8E
AIHT1
ALS Interrupt High Threshold [15:8]
0x00
0x8F
AIHT2
ALS interrupt High Threshold [23:16]
0x00
0x90
AUX_ID
Auxiliary Identification
0x02
0x91
REV_ID
Revision Identification
0x11
0x92
ID
Device Identification
0x5C
0x93
STATUS
Device Status information 1
0x00
0x94
ALS_STATUS
ALS Status information 1
0x00
0x95
ALS_DATA0[7:0]
ALS data channel 0 low byte [7:0]
0x00
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com