Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 4 Page - Analog Devices

  AD8156 Datasheet HTML 1Page - Analog Devices AD8156 Datasheet HTML 2Page - Analog Devices AD8156 Datasheet HTML 3Page - Analog Devices AD8156 Datasheet HTML 4Page - Analog Devices AD8156 Datasheet HTML 5Page - Analog Devices AD8156 Datasheet HTML 6Page - Analog Devices AD8156 Datasheet HTML 7Page - Analog Devices AD8156 Datasheet HTML 8Page - Analog Devices AD8156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8156
Rev. 0 | Page 4 of 20
TIMING SPECIFICATIONS
VTTI = VTTO = VCC = 3.3 V, VEE = 0 V, RL = 50 Ω, differential output swing = 800 mV, ac-coupled, data rate = 6.25 Gbps, PRBS 223 − 1,
VIN = 1 V p-p differential, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
FIRST RANK WRITE CYCLE
CS to WE Setup Time
tCSW
0
ns
Address Setup Time
tASW
0
ns
Data Setup Time
tDSW
1
ns
WE to CS Hold Time
tCHW
0
ns
Address Hold Time
tAHW
0
ns
Data Hold Time
tDHW
0
ns
WE Pulse Width
tWP
10
ns
SECOND RANK UPDATE CYCLE
CS to UPD Setup Time
tCSU
0
ns
UPD to CS Hold Time
tCHU
0
ns
Output Enable
tUOE
20
ns
Output Switch
tUOT
10
ns
Output Disable
tUOD
20
ns
UPD Pulse Width
tUW
10
ns
TRANSPARENT WRITE AND UPDATE CYCLE
Output Enable
tWOE
35
50
ns
Output Toggle
tWOT
25
45
ns
Output Disable
tWOD
25
45
ns
SECOND RANK READBACK CYCLE
CS to RE Setup Time
tCSR
0
ns
RE to CS Hold Time
tCHR
0
ns
ADDR from RE
tRHA
5
ns
DATA from RE
tRDE
15
ns
Access Time
tAA
15
30
ns
RE to Read Disable
tRDD
50
ns
ASYNCHRONOUS RESET
Output Disable
tTOD
10
25
ns
RST Pulse Width
tTW
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com