Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8156 Datasheet HTML 12Page - Analog Devices AD8156 Datasheet HTML 13Page - Analog Devices AD8156 Datasheet HTML 14Page - Analog Devices AD8156 Datasheet HTML 15Page - Analog Devices AD8156 Datasheet HTML 16Page - Analog Devices AD8156 Datasheet HTML 17Page - Analog Devices AD8156 Datasheet HTML 18Page - Analog Devices AD8156 Datasheet HTML 19Page - Analog Devices AD8156 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8156
Rev. 0 | Page 16 of 20
ADDRESS PINS, A[3:0] INPUTS
The AD8156 feature sets can be set port by port or globally.
A[3:2] specify what is being programmed or read back when
the part is being configured port by port. Connectivity, output
current, equalization, or global programming features are
chosen based on the values of A[3:2]. Similarly, A[1:0] address
the port that is being programmed or read back. In global
programming, A[1:0] serve a different function. Refer to Table 9
to Table 15 for programming examples.
DATA PINS, D[3:0] INPUTS/OUTPUTS
In readback mode, the D[3:0] pins are low impedance outputs
indicating the stored values in the memory to be read. The
readback drivers are designed to drive high impedances only,
so external drivers connected to D[3:0] must be disabled during
readback mode.
CONTROL INTERFACE LEVELS
The AD8156 control interface shares the data path supply pins,
VCC and VEE. The potential between the positive logic supply
VCC and the negative supply VEE must be at least 3.0 V and no
more than 3.7 V. Regardless of supply, the logic threshold is
approximately one-half the supply range, allowing the interface
to be used with most LVCMOS- and LVTTL-logic drivers.
Table 7. Dual 2 × 2 Mode Programming Table
Address A[3:0]
Data D[3:0]
Input A3 to Input A0 enable Output 3 to Output 0, respectively.
Input D3 to Input D0 control the connectivity of Output 3 to Output 0, respectively.
1 = Enables the output (for all A[3:0] inputs)
0 = Input 2, 1 = Input 3 (for D2 and D3)
0 = Disables the output (for all A[3:0] inputs)
0 = Input 0, 1 = Input 1 (for D0 and D1)
Table 8. 4 × 4 Mode Programming Table
Mode
Address A[3:0]
Data D[3:0]
0 0 A1 A0
0 D2 D1 D0
Write/Read Connectivity
and Disable
A1 and A0 determine which
output is being programmed.
D1 and D0 determine which input is connected to which output;
D2 determines the enabled/disabled state of that output, with D2 = 1
(enable). When writing or reading, D3 is always 0.
0 1 A1 A0
D3 D2 D1 D0
Write/Read Output
Current Level
A1 and A0 determine which
output is being programmed.
D0 to D3 binarily program the output current level/voltage swing with the
output current = 2 mA + (2 mA × decimal (D[3:0])).
1 0 0 0
0 D2 D1 D0
Broadcast
Connectivity/Disable
D1 and D0 determine which input is connected to all of the outputs.
D2 determines the enabled/disabled state of all outputs with D2 = 1 (enable).
When writing or reading, D3 is always 0.
1 0 0 1
D3 D2 D1 D0
Broadcast Output
Current Level
D0 to D3 binarily program the output current level/voltage swing with the
output current = 2 mA + (2 mA × decimal (D[3:0])). The value is written to
all outputs.
Broadcast EQ Setting
1 0 1 1
D3 D2 D1 D0
Data inputs D0 to D3 set the input equalization level where:
Gain(f ) = D[3:0]/15 × 40 log10(f/0.83 GHz).
Program EQ Setting
1 1 A1 A0
D3 D2 D1 D0
A1 and A0 determine which
input is being programmed.
D0 to D3 set the input equalization level, where:
Gain(f ) = D[3:0]⁄15 × 40 log10(f⁄0.83 GHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com