Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 2 Page - Analog Devices

  AD8156 Datasheet HTML 1Page - Analog Devices AD8156 Datasheet HTML 2Page - Analog Devices AD8156 Datasheet HTML 3Page - Analog Devices AD8156 Datasheet HTML 4Page - Analog Devices AD8156 Datasheet HTML 5Page - Analog Devices AD8156 Datasheet HTML 6Page - Analog Devices AD8156 Datasheet HTML 7Page - Analog Devices AD8156 Datasheet HTML 8Page - Analog Devices AD8156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8156
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Timing Specifications .................................................................. 4
Timing Diagrams.............................................................................. 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ............................................. 9
Test Circuit ...................................................................................... 12
Theory of Operation ...................................................................... 13
4 × 4 Mode................................................................................... 13
Dual 2 × 2 Mode......................................................................... 13
Input Equalization...................................................................... 14
Control Interface Description....................................................... 15
Control Pins ................................................................................ 15
Address Pins, A[3:0] Inputs ...................................................... 16
Data Pins, D[3:0] Inputs/Outputs ............................................ 16
Control Interface Levels ............................................................ 16
Programming Examples ................................................................ 17
Dual 2 × 2 Mode (MODE Pin = 1)
Programming Examples ............................................................ 17
4 × 4 Mode (MODE Pin = 0) Programming Examples ........ 17
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
5/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com