Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8156 Datasheet HTML 12Page - Analog Devices AD8156 Datasheet HTML 13Page - Analog Devices AD8156 Datasheet HTML 14Page - Analog Devices AD8156 Datasheet HTML 15Page - Analog Devices AD8156 Datasheet HTML 16Page - Analog Devices AD8156 Datasheet HTML 17Page - Analog Devices AD8156 Datasheet HTML 18Page - Analog Devices AD8156 Datasheet HTML 19Page - Analog Devices AD8156 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8156
Rev. 0 | Page 17 of 20
PROGRAMMING EXAMPLES
A[3:0]
D[3:0]
WE
UPD
Figure 25. Sample Timing Diagram for 4x4 Mode Programming Examples
DUAL 2 × 2 MODE (MODE PIN = 1) PROGRAMMING EXAMPLES
Table 9. Dual 2 × 2 Mode Programming
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description
1
0
0
0
0
x
x
x
A[3] = 1 enables OUT3. D[3] = 0 connects IN2 to OUT3.
1
0
0
0
1
x
x
x
A[3] = 1 enables OUT3. D[3] = 1 connects IN3 to OUT3.
1
1
0
0
0
0
x
x
A[3:2] = b11 enables OUT2 and OUT3. D[3:2] = b00 connects IN2 to both OUT2 and OUT3.
1
1
0
0
1
0
x
x
A[3:2] = b11 enables OUT2 and OUT3. D[3:2] = b10 connects IN2 to OUT2 and connects IN3
to OUT3.
0
0
1
0
x
x
0
x
A[1] = 1 enables OUT1. D[1] = 0 connects IN0 to OUT1.
0
0
1
1
x
x
1
1
D[1:0] = b11 enables OUT0 and OUT1. D[1:0] = b11 connects IN1 to both OUT0 and OUT1.
1
1
1
1
0
1
0
1
A[3:0] = b1111 enables all outputs. D[3:0] = b0101 connects IN2 to OUT3, IN3 to OUT2, IN0 to
OUT1, IN1 to OUT0.
4 × 4 MODE (MODE PIN = 0) PROGRAMMING EXAMPLES
Table 10. Connectivity Programming, A[3:2] = b00
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description
0
0
0
0
0
1
0
0
A[1:0] = 0 selects OUT0. D2 = 1 enables OUT0. D[1:0] = 0 connects IN0 to OUT0.
0
0
0
0
0
0
0
0
A[1:0] = 0 selects OUT0. D2 = 0 disables OUT0. D[1:0] = 0 connects IN0 to OUT0.
0
0
1
0
0
1
0
1
A[1:0] = b10 selects OUT2. D2 = 1 enables OUT2. D[1:0] = b01 connects IN1 to OUT2.
0
0
1
1
0
1
0
0
A[1:0] = b11 selects OUT3. D2 = 1 enables OUT3. D[1:0] = b00 connects IN0 to OUT3.
Table 11. Output Level Programming, A[3:2] = b01
Address Pins
Data Pins
A3
A2
A1
A0
D3
D2
D1
D0
Description (Output Current = 2 mA + (2 mA × D[3:0])
0
1
0
0
0
1
0
0
A[1:0] = 0 selects OUT0. D[3:0] = b0100 sets OUT0 current to 2 mA + (2 mA × 4) = 10 mA.
0
1
0
0
1
0
0
0
A[1:0] = 0 selects OUT0. D[3:0] = b1000 sets OUT0 current to 2 mA + (2 mA × 8) = 18 mA.
0
1
1
0
1
1
0
1
A[1:0] = b10 selects OUT2. D[3:0] = b1101 sets OUT2 current to 2 mA + (2 mA × 13) = 28 mA.
0
1
1
1
0
0
0
0
A[1:0] = b11 selects OUT3. D[3:0] = b0000 sets OUT3 current to 2 mA + (2 mA × 0) = 2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com