Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8156 Datasheet HTML 12Page - Analog Devices AD8156 Datasheet HTML 13Page - Analog Devices AD8156 Datasheet HTML 14Page - Analog Devices AD8156 Datasheet HTML 15Page - Analog Devices AD8156 Datasheet HTML 16Page - Analog Devices AD8156 Datasheet HTML 17Page - Analog Devices AD8156 Datasheet HTML 18Page - Analog Devices AD8156 Datasheet HTML 19Page - Analog Devices AD8156 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8156
Rev. 0 | Page 19 of 20
OUTLINE DIMENSIONS
BALL DIAMETER
74
5
63
2
1
6.00
BSC SQ
A1 CORNER
INDEX AREA
A
B
C
D
E
F
G
BOTTOM
VIEW
SEATING
PLANE
DETAILA
0.70
0.60
0.50
COPLANARITY
0.20
*1.31
1.21
1.10
*1.85
1.71
1.50
TOP VIEW
1.00
BSC
BALL A1
PAD CORNER
DETAIL A
0.25
MIN
8.20
8.00 SQ
7.80
*COMPLIANT WITH JEDEC STANDARDS MO-192-ABB-1
WITH EXCEPTION TO PACKAGE HEIGHT AND THICKNESS.
Figure 26. 49-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-49-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8156ABCZ1
−40°C to +85°C
49-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-49-3
AD8156-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com