Electronic Components Datasheet Search
  English  ▼

X  

AD8156 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8156
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8156 Datasheet HTML 8Page - Analog Devices AD8156 Datasheet HTML 9Page - Analog Devices AD8156 Datasheet HTML 10Page - Analog Devices AD8156 Datasheet HTML 11Page - Analog Devices AD8156 Datasheet HTML 12Page - Analog Devices AD8156 Datasheet HTML 13Page - Analog Devices AD8156 Datasheet HTML 14Page - Analog Devices AD8156 Datasheet HTML 15Page - Analog Devices AD8156 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8156
Rev. 0 | Page 12 of 20
TEST CIRCUIT
DATA OUT
*SINGLE-ENDED REPRESENTATION
IN0P/N
AD8156
IN1P/N
IN2P/N
IN3P/N
OUT0P/N
OUT1P/N
OUT2P/N
OUT3P/N
FR4 TEST
BACKPLANE
2
2
2
2
2
2
2
2
2
50Ω
CABLES
50Ω
50Ω
50Ω
CABLES
50Ω
CABLES
HIGH SPEED
SAMPLING
OSCILLOSCOPE
PATTERN
GENERATOR
AC-COUPLED
EVALUATION BOARD
50Ω
50Ω
DIFFERENTIAL STRIPLINE TRACES
8mils WIDE, 8mils SPACE,
AND 8mils DIELECTRIC HEIGHT
TRACE LENGTHS = 10", 20", 30", AND 40"
Figure 23. AD8156 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com