Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
External Clock Operation
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
29
Preliminary
3.2.2
Ceramic Resonator (Default)
It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system
design can tolerate the reduced signal integrity. A typical ceramic resonator circuit is shown in Figure 3-2.
Refer to the supplier’s recommendations when selecting a ceramic resonator and associated components.
The resonator and components should be mounted as near as possible to the EXTAL and XTAL pins.
Figure 3-2 Connecting a Ceramic Resonator
Note:
The OCCS_COHL bit must be set to 0 when a crystal resonator is used. The reset condition on the
OCCS_COHL bit is 0. Please see the COHL bit in the Oscillator Control (OSCTL) register, discussed
in the 56F8300 Peripheral User Manual.
3.2.3
External Clock Source
The recommended method of connecting an external clock is illustrated in Figure 3-3. The external clock
source is connected to XTAL and the EXTAL pin is grounded.
Figure 3-3 Connecting an External Clock Register
EXTAL XTAL
Rz
Sample External Ceramic Resonator Parameters:
Rz = 750 KΩ
EXTAL XTAL
Rz
C1
CL1
CL2
C2
Resonator Frequency = 4 - 8MHz (optimized for 8MHz)
3 Terminal
2 Terminal
CLKMODE = 0
XTAL
EXTAL
External
VSS
Clock
Note: when using an external clocking
source with this configuration, the
CLKMODE and COHL bits
of the OSCTL register should be set to 1.
or GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com