Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 136 page
background image
56F8322 Techncial Data, Rev. 16
94
Freescale Semiconductor
Preliminary
6.8 Stop and Wait Mode Disable Function
Figure 6-16 Internal Stop Disable Circuit
The 56800E core contains both STOP and WAIT instructions. Both put the CPU to sleep. For lowest
power consumption in Stop mode, the PLL can be shut down. This must be done explicitly before entering
Stop mode, since there is no automatic mechanism for this. When the PLL is shut down, the 56800E
system clock must be set equal to the prescaler output.
Some applications require the 56800E STOP and WAIT instructions be disabled. To disable those
instructions, write to the SIM control register (SIM_CONTROL) described in Section 6.5.1 . This
procedure can be on either a permanent or temporary basis. Permanently assigned applications last only
until their next reset.
6.9 Resets
The SIM supports four sources of reset. The two asynchronous sources are the external RESET pin and
the Power-On Reset (POR). The two synchronous sources are the software reset, which is generated within
the SIM itself, by writing to the SIM_CONTROL register, and the COP reset.
Reset begins with the assertion of any of the reset sources. Release of reset to various blocks is sequenced
to permit proper operation of the device. A POR reset is declared when reset is removed and any of the
three voltage detectors (1.8V POR, 2.2V core voltage, or 2.7V I/O voltage) indicate a low supply voltage
condition. POR will continue to be asserted until all voltage detectors indicate a stable supply is available
(note that as power is removed POR is not declared until the 1.8V core voltage threshold is reached.) A
POR reset is then extended for 64 clock cycles to permit stabilization of the clock source, followed by a
32 clock window in which SIM clocking is initiated. It is then followed by a 32 clock window in which
peripherals are released to implement Flash security, and, finally, followed by a 32 clock window in which
the core is initialized. After completion of the described reset sequence, application code will begin
execution.
Resets may be asserted asynchronously, but are always released internally on a rising edge of the system
clock.
D-FLOP
DQ
C
D-FLOP
D
Q
C R
56800E
STOP_DIS
Permanent
Disable
Reprogrammable
Disable
Clock
Select
Reset
D
Note: Wait disable circuit is similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com