Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 132Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 133Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
Thermal Design Considerations
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
131
Preliminary
Part 12 Design Considerations
12.1 Thermal Design Considerations
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
TJ = TA + (RθJΑ x PD)
where:
The junction to ambient thermal resistance is an industry-standard value that provides a quick and easy
estimation of thermal performance. Unfortunately, there are two values in common usage: the value
determined on a single-layer board and the value obtained on a board with two planes. For packages such
as the PBGA, these values can be different by a factor of two. Which value is closer to the application
depends on the power dissipated by other components on the board. The value obtained on a single layer
board is appropriate for the tightly packed printed circuit board. The value obtained on the board with the
internal planes is usually appropriate if the board has low-power dissipation and the components are well
separated.
When a heat sink is used, the thermal resistance is expressed as the sum of a junction-to-case thermal
resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For instance, the user can change the size of the heat
sink, the air flow around the device, the interface material, the mounting arrangement on printed circuit
board, or change the thermal dissipation on the printed circuit board surrounding the device.
To determine the junction temperature of the device in the application when heat sinks are not used, the
Thermal Characterization Parameter (
Ψ
JT) can be used to determine the junction temperature with a
measurement of the temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT x PD)
where:
TA
=
Ambient temperature for the package (oC)
RθJΑ = Junction to ambient thermal resistance (
oC/W)
PD
=
Power dissipation in the package (W)
RθJA = Package junction to ambient thermal resistance °C/W
RθJC = Package junction to case thermal resistance °C/W
RθCA = Package case to ambient thermal resistance °C/W
TT
=
Thermocouple temperature on top of package (oC)
Ψ
JT
=
Thermal characterization parameter (oC)/W
PD
=
Power dissipation in package (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com