Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33996 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33996
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage (1)
VPWR
-1.5 to 50
V
SO Output Driver Power Supply Voltage (1)
SOPWR
-0.3 to 7.0
V
SPI Interface Logic Input Voltage (CS, PWM, SI, SO, SCLK, RST) (1)
VIN
-0.3 to 7.0
V
Output Drain Voltage
VD
-0.3 to 45
V
Frequency of SPI Operation (2)
fSPI
6.0
MHz
Output Clamp Energy (3)
ECLAMP
50
mJ
ESD Voltage (4)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation (TA = 25°C)
(5)
PD
1.7
W
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7
°C
Thermal Resistance
Junction-to-Ambient (8)
Junction- to-Lead (9)
Junction-to-Flag
RθJA
RθJL
RθJC
75
8.0
1.2
°C/W
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
This parameter is guaranteed by design but not production tested.
3.
Maximum output clamp energy capability at 150
°C junction temperature using single nonrepetitive pulse method.
4.
ESD data available upon request. ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500
Ω) and the Machine Model (C
ZAP = 200 pF, RZAP = 0 Ω).
5.
Maximum power dissipation with no heat sink used.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
8.
Tested per JEDEC test JESD52-2 (single-layer PWB).
9.
Tested per JEDEC test JESD51-8 (two-layer PWB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com