Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33996 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33996
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 3.1 V ≤ SOPWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TA ≤ 125°C unless otherwise
noted. Where applicable, typical values noted reflect the parameter ‘s approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY (VPWR)
Supply Voltage Range
Fully Operational
VPWR(FO)
5.0
–
27
V
Supply Current
All Outputs ON, IOUT = 0.3 A
IPWR(ON)
–
4.0
8.0
mA
Sleep State Supply Current at RST
≤ 0.8 and/or
SOPWR ≤ 1.5 V
IPWR(SS)
_
1.0
10
µA
Overvoltage Shutdown
VOV
27.5
31.5
35
V
Overvoltage Shutdown Hysteresis
VOV(HYS)
0.6
1.4
2.3
V
VPWR Undervoltage Shutdown
VPWR(UV)
–
3.2
4.0
V
SPI Interface Logic Supply Voltage
SOPWR
3.1
–
5.5
V
SPI Interface Logic Supply Current (RST Pin High)
ISOPWR(RSTH)
100
–
500
µA
SPI Interface Logic Supply Current (RST Pin Low)
ISOPWR(RSTL)
-10
–
10
µA
SPI Interface Logic Supply Undervoltage Lockout Threshold SOPWR(UNVOL)
1.5
2.5
3.0
V
POWER OUTPUT (VPWR)
Drain-to-Source ON Resistance (IOUT = 0.35 A, VPWR =
13 V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
RDS(ON)
–
–
–
0.75
0.55
0.45
1.1
–
–
Ω
Output Self-Limiting Current
Outputs Programmed ON
IOUT(lim)
0.9
1.2
2.5
A
Output Fault Detect Threshold (10)
Outputs Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output Off Open Load Detect Current (11)
Outputs Programmed OFF (VPWR = 5.0 V, 13 V, 18 V)
IOCO
25
50
100
µA
Output Clamp Voltage
IOUT = 20 ≤ mA
VCL
45
50
55
V
Output Leakage Current
SOPWR ≤ 1.5 V, VOUT 1-16 = 18.0 V
IOUT(lkg)
-10
2.0
10
µA
Overtemperature Shutdown (Outputs OFF) (12)
TLIM
155
165
180
°C
Overtemperature Shutdown Hysteresis (12)
TLIM(hys)
5.0
10
20
°C
Notes
10.
Output Fault Detect Thresholds with outputs programmed OFF. Output Fault Detect Thresholds are the same for output open and
shorts.
11.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded to be OFF.
12.
This parameter is guaranteed by design; however, it is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com