Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33996
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ SO
PWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TA ≤ 125°C unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING (VPWR)
Output Slew Rate
RL = 60Ω
(15)
SR
1.0
2.0
10
V/
µs
Output Turn ON Delay Time (16)
tDLY(on)
1.0
2.0
10
µs
Output Turn OFF Delay Time (16)
t DLY(off)
1.0
4.0
10
µs
Output ON Short Fault Disable Report Delay (17)
tDLY(short)
100
–
450
µs
Output OFF Open Fault Delay Time (17)
tDLY(open)
100
–
450
µs
Output PWM Frequency
tFREQ
–
–
2.0
kHz
DIGITAL INTERFACE TIMING (CS, SO, SI, SCLK) (23)
Required Low State Duration on VPWR for Reset
VPWR ≤ 0.2 V
(18)
tRST
–
–
10
µs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
t LEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
–
–
ns
SI to Falling Edge of SCLK
Required Setup Time
tSI(su)
16
–
–
ns
Falling Edge of SCLK to SI
Required Hold Time
tSI(hold)
20
–
–
ns
SI, CS, SCLK Signal Rise Time (19)
tR(SI)
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time (19)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CS to SO Low Impedance (20)
tSO(en)
–
–
50
ns
Time from Rising Edge of CS to SO High Impedance (21)
tSO(dis)
–
–
50
ns
Time from Rising Edge of SCLK to SO Data Valid (22)
tVALID
–
25
80
ns
Notes
15.
Output slew rate measured across a 60
Ω resistive load.
16.
Output turn ON and OFF delay time measured from 50% rising edge of CS to 80% and 20% of initial voltage.
17.
Duration of fault before fault bit is set. Duration between access times must be greater than 450
µs to read faults.
18.
This parameter is guaranteed by design; however, it is not production tested.
19.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
20.
Time required for valid output status data to be available on SO pin.
21.
Time required for output states data to be terminated at SO pin.
22.
Time required to obtain valid data out from SO following the rise of SCLK with 200 pF load.
23.
This parameter is guaranteed by design. Production test equipment used 4.16 MHz, 5.5 V/3.1 V SPI Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com