Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33996
FUNCTIONAL DESCRIPTION
OPERATIONAL MODES
output being controlled ON. Diagnostics is treated in a similar
manner—outputs with a fault will feedback (via SO) to the
MCU a logic [1], while normal operating outputs will provide a
logic [0].
The 33996 may be controlled and provide diagnostics
using a daisy chain configuration or in parallel mode.
Figure 10 shows the daisy chain configuration using the
33996. Data from the MCU is clocked daisy chain through
each device while the Chip Select bit (CS) is commanded low
by the MCU. During each clock cycle, output status from the
daisy-chained 33996s is being transferred back to the MCU
via the Master In Slave Out (MISO) line. On rising edge of CS,
data stored in the input register is transferred to the output
driver. Daisy chain control of the 33996 requires 24 bits per
device.
Multiple 33996 devices can be controlled in a parallel input
fashion using the SPI. Figure 11, page 12, illustrates
potentially 32 loads being controlled by two dedicated
parallel MCU ports used for chip select.
Figure 10. 33996 SPI System Daisy Chain
Figure 11. Parallel Inputs SPI Control
MC68HCXX
Microcontroller
33996
Shift Register
Ports
Parallel
33996
SI
SO
SCLK
CS
RST
PWM
MISO
SCLK
PWM1
PWM2
MOSI
SI
SO
SCLK
CS
RST
PWM
Parallel
Ports
MC68HCXX
Microcontroller
33996
33996
SI
SCLK
CS
SI
SO
SCLK
CS
SCLK
MISO
MOSI
Shift Register
SO
PWM1
PWM
RST
PWM
PWM2
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com