Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33996
FUNCTIONAL DESCRIPTION
OPERATIONAL MODES
OPERATIONAL MODES
On each SPI communication, a 24-bit command word is
sent to the 33996 and 24-bit fault word is received from the
33996. The Most Significant Bit (MSB) is sent and received
first.
Command Register Definition:
0 = Output Command Off
1 = Output Command On
SO Definition:
0 = No fault
1 = Fault
MCU INTERFACE DESCRIPTION
In operation the 33996 functions as a 16-output serial
switch serving as a microcontroller (MCU) bus expander and
buffer with fault management and fault reporting features. In
doing so, the device directly relieves the MCU of the fault
management functions.
The 33996 directly interfaces to an MCU and operates at
system clock serial frequencies up to 6.0 MHz using a Serial
Peripheral Interface (SPI) for control and diagnostic readout.
Figure 9 shows the basic SPI configuration between an
MCU and one 33996.
Figure 9. 33996 SPI Interface with Microcontroller
All inputs are compatible with 3.3 V/5.0 V CMOS logic
levels and incorporate positive logic. An input that is
programmed to a logic low state (< 0.8 V) will have the
corresponding output OFF. Conversely, an input
programmed to a logic high state (> 2.2 V) will have the
Table 5. Fault Operation
Serial Output (SO) Pins Reports
Overtemperature
Fault reported by Serial Output (SO) pin.
Overcurrent
SO pin reports short to battery/supply or overcurrent condition.
Output “ON’ Open Load Fault
Not reported.
Output “OFF’” Open Load Fault
SO pin reports output “OFF’” open load condition.
Device Shutdowns
Overvoltage
Total device shutdown at VPWR = 27.5 V to 35 V. Resumes normal operation with proper voltage.
Upon recovery all outputs assume previous state or OFF based on the Overvoltage bit in the Global
Shutdown/Retry Control Register.
Overtemperature
Only the output experiencing an overtemperature fault shuts down. Output may auto-retry or remain
off according to the control bits in the Global Shutdown/Retry Control Register.
Overcurrent
Output will remain in current limit 0.9 A to 2.5 A until thermal limit is reached. When thermal limit is
reached, device will enter overtemperature shutdown. Output will operate as programmed in the
Global Shutdown/Retry Control Register. Fault flag in SO Response word will be set.
33996
MC68HCXX
Microcontroller
Receive
Buffer
Parallel
Ports
To Logic
24-Bit Shift Register
Shift Register
MOSI
SI
MISO
SO
SCLK
RST
CS
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com