Electronic Components Datasheet Search
  English  ▼

X  

33996 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33996
TYPICAL APPLICATIONS
INTRODUCTION
calculated by multiplying the current area under the current
curve (IA) times the clamp voltage (VCL) (see Figure 13).
Characterization of the output clamps, using a single pulse
non-repetitive method at 0.3 A, indicates the maximum
energy to be 50 mJ at 150
°C junction temperature per output.
Figure 13. Output Voltage Clamping
Reverse Battery Protection
The 33996 device requires external reverse battery
protection on the VPWR pin.
All outputs consist of a power MOSFET with an integral
substrate diode. During reverse battery condition, current will
flow through the load via the substrate diode. Under this
circumstance relays may energize and lamps will turn on. If
load reverse battery protection is desired, a diode must be
placed in series with the load.
Overtemperature Fault
Overtemperature detect circuits are specifically
incorporated for each individual output. The shutdown
following an over temperature condition depends on the
control bit set in the Global Shutdown/Retry Control register.
Each independent output shuts down at 155°C to 180°C.
When an output shuts down due to an Overtemperature
Fault, no other outputs are affected. The MCU recognizes the
fault by a logic [1] in the Fault Status bit (bit 23 in the SO
Response register). After the 33996 has cooled below the
switch point temperature and 10°C hysteresis, the output will
function as defined by the shutdown/retry bit 17 in the Global
Shutdown/Retry Control register.
Curren t
Area (IA )
Clamp Energy
(E
J = IA x V CL )
Drain Voltage
Time
Dr ain-to-Source C lamp
Voltage (VCL = 45 V)
Drain Current
(I
D = 0.3 A)
GND
Dr ain-to-Source ON
Voltage (VDS (O N))
50 V)
Drain-to-Source Clamp
Voltage (VCL = 50 V)
Drain-to-Source ON
Voltage (VDS(ON))
Drain Voltage
Clamp Energy
(EJ = IAVG x VCL)
GND
Time
Drain Current
(ID = 0.3 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com