Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 31 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM67 Datasheet HTML 27Page - Texas Instruments AM67 Datasheet HTML 28Page - Texas Instruments AM67 Datasheet HTML 29Page - Texas Instruments AM67 Datasheet HTML 30Page - Texas Instruments AM67 Datasheet HTML 31Page - Texas Instruments AM67 Datasheet HTML 32Page - Texas Instruments AM67 Datasheet HTML 33Page - Texas Instruments AM67 Datasheet HTML 34Page - Texas Instruments AM67 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 235 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
G26
MMC2_DAT0
PADCONFIG
PADCONFIG69
0x000F4114
MMC2_DAT0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR0
1
IO
0
EHRPWM1_B
4
IO
0
I2C2_SCL
5
IOD
1
MCASP4_AXR9
6
IO
0
GPIO0_68
7
IO
pad
G27
MMC2_DAT1
PADCONFIG
PADCONFIG68
0x000F4110
MMC2_DAT1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR1
1
IO
0
EHRPWM1_A
4
IO
0
I2C2_SDA
5
IOD
1
MCASP4_AXR8
6
IO
0
GPIO0_67
7
IO
pad
H27
MMC2_DAT2
PADCONFIG
PADCONFIG67
0x000F410C
MMC2_DAT2
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR2
1
IO
0
UART5_TXD
3
O
EHRPWM0_B
4
IO
0
I2C2_SDA
5
IOD
1
MCASP3_AXR9
6
IO
0
GPIO0_66
7
IO
pad
J27
MMC2_DAT3
PADCONFIG
PADCONFIG66
0x000F4108
MMC2_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR3
1
IO
0
UART5_RXD
3
I
1
EHRPWM0_A
4
IO
0
MCASP3_AXR8
6
IO
0
GPIO0_65
7
IO
pad
AF23
OLDI0_A0N
PADCONFIG
PADCONFIG152
0x000F4260
OLDI0_A0N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_53
7
IO
pad
AG24
OLDI0_A0P
PADCONFIG
PADCONFIG151
0x000F425C
OLDI0_A0P
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_52
7
IO
pad
AG22
OLDI0_A1N
PADCONFIG
PADCONFIG154
0x000F4268
OLDI0_A1N
0
IO
0
Off / Off / NA
Off / Off / NA
0
1.8 V
VDDA_1P8_OLDI0
MLB_LVDS
GPIO1_55
7
IO
pad
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com