Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM67 Datasheet HTML 2Page - Texas Instruments AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments AM67 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 235 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 3
3 Description.......................................................................3
3.1 Functional Block Diagram........................................... 5
4 Device Comparison......................................................... 7
5 Terminal Configuration and Functions..........................9
5.1 Pin Diagrams.............................................................. 9
5.2 Pin Attributes.............................................................10
5.3 Signal Descriptions................................................... 48
5.4 Pin Connectivity Requirements.................................79
6 Specifications................................................................ 82
6.1 Absolute Maximum Ratings...................................... 82
6.2 ESD Ratings for Devices which are not AEC -
Q100 Qualified............................................................ 84
6.3 Power-On Hours (POH)............................................ 84
6.4 Recommended Operating Conditions.......................85
6.5 Operating Performance Points..................................87
6.6 Electrical Characteristics...........................................88
6.7 VPP Specifications for One-Time Programmable
(OTP) eFuses..............................................................93
6.8 Thermal Resistance Characteristics......................... 94
6.9 Timing and Switching Characteristics....................... 95
7 Detailed Description....................................................214
7.1 Overview................................................................. 214
8 Applications, Implementation, and Layout............... 215
8.1 Device Connection and Layout Fundamentals....... 215
8.2 Peripheral- and Interface-Specific Design
Information................................................................ 216
8.3 Clock Routing Guidelines........................................223
9 Device and Documentation Support..........................224
9.1 Device Nomenclature..............................................224
9.2 Tools and Software................................................. 227
9.3 Documentation Support.......................................... 227
9.4 Support Resources................................................. 227
9.5 Trademarks.............................................................227
9.6 Electrostatic Discharge Caution..............................228
9.7 Glossary..................................................................228
10 Revision History........................................................ 228
11 Mechanical, Packaging, and Orderable
Information.................................................................. 229
11.1 Packaging Information.......................................... 229
AM67, AM67A
SPRSPA3 – MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com