Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 47 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM67 Datasheet HTML 43Page - Texas Instruments AM67 Datasheet HTML 44Page - Texas Instruments AM67 Datasheet HTML 45Page - Texas Instruments AM67 Datasheet HTML 46Page - Texas Instruments AM67 Datasheet HTML 47Page - Texas Instruments AM67 Datasheet HTML 48Page - Texas Instruments AM67 Datasheet HTML 49Page - Texas Instruments AM67 Datasheet HTML 50Page - Texas Instruments AM67 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 235 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B9
WKUP_I2C0_SCL
PADCONFIG
MCU_PADCONFIG19
0x0408404C
WKUP_I2C0_SCL
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OPEN
DRAIN
MCU_GPIO0_19
7
IOD
pad
D11
WKUP_I2C0_SDA
PADCONFIG
MCU_PADCONFIG20
0x04084050
WKUP_I2C0_SDA
0
IOD
1
Off / Off / NA
On / SS / NA
7
1.8 V/3.3 V
VDDSHV_MCU
Yes
I2C OPEN
DRAIN
MCU_GPIO0_20
7
IOD
pad
A3
WKUP_LFOSC0_XI
WKUP_LFOSC0_XI
I
1.8 V
VDDS_OSC0
LFXOSC
A2
WKUP_LFOSC0_XO
WKUP_LFOSC0_XO
O
1.8 V
VDDS_OSC0
LFXOSC
C4
WKUP_UART0_CTSn
PADCONFIG
MCU_PADCONFIG11
0x0408402C
WKUP_UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
WKUP_TIMER_IO0
1
IO
0
MCU_SPI1_CS0
3
IO
1
MCU_GPIO0_11
7
IO
pad
C3
WKUP_UART0_RTSn
PADCONFIG
MCU_PADCONFIG12
0x04084030
WKUP_UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
WKUP_TIMER_IO1
1
IO
0
MCU_SPI1_CLK
3
IO
0
MCU_GPIO0_12
7
IO
pad
B3
WKUP_UART0_RXD
PADCONFIG
MCU_PADCONFIG9
0x04084024
WKUP_UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_SPI0_CS2
2
IO
1
MCU_GPIO0_9
7
IO
pad
C8
WKUP_UART0_TXD
PADCONFIG
MCU_PADCONFIG10
0x04084028
WKUP_UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_SPI1_CS2
2
IO
1
MCU_GPIO0_10
7
IO
pad
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com