Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments AM67 Datasheet HTML 10Page - Texas Instruments AM67 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 235 page
background image
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see theAM67x Software Build Sheet.
Table 4-1. Device Comparison
FEATURES(1)
REFERENCE
NAME
AM67A94
AM67A74
AM6754
AM6734
PROCESSORS AND ACCELERATORS
Speed Grades (See Device Speed Grades)
J, K
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Arm Cortex-R5F in MCU domain
MCU_R5F
Single Core
Arm Cortex-R5F in MAIN domain
R5FSS0
Single Core
Device Management Subsystem
WKUP_R5F
Single Core
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
C7x Floating Point, Vector DSP
C7x256V DSP
Dual Core(6)
No
Deep Learning Accelerator
MMA
Dual Core(6)
No
Graphics Processing Unit
GPU
Yes
No
Yes
No
Video Encoder / Decoder
VENC/VDEC
Yes
No
Depth and Motion Processing Accelerators
DMPAC
Yes
No
Vision Processing Accelerators
VPAC3L
Yes
No
SAFETY AND SECURITY
Safety Targeted
Safety
Optional(2)
Device Security
Security
Optional(3)
AEC-Q100 Qualified
Q1
No
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain
OCSRAM
256KB
On-Chip Shared Memory (RAM) in MCU Domain
MCU_MSRAM
512KB
LPDDR4 DDR Subsystem
DDRSS
32-bit data with inline ECC up to 8GB
General-Purpose Memory Controller
GPMC
Up to 128MB with ECC
PERIPHERALS
Display Subsystem
DSS7UL
1x DPI
1x LVDS
1x DSI
Modular Controller Area Network Interface
MCAN
4
Full CAN-FD Support
CAN-FD
Yes
General-Purpose I/O
GPIO
Up to 147
Inter-Integrated Circuit Interface
I2C
7
Multichannel Audio Serial Port
MCASP
5
Multichannel Serial Peripheral Interface
MCSPI
5
Multi-Media Card/Secure Digital Interface
MMC/SD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com