Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 1 Page - Texas Instruments

  AM67 Datasheet HTML 1Page - Texas Instruments AM67 Datasheet HTML 2Page - Texas Instruments AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 235 page
background image
AM67x Processors
1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Run-time Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Two Deep Learning Accelerators (up to 4 TOPS
total), each with:
– C7x floating point, up to 40 GFLOPS, 256-bit
Vector DSP at up to 1.0GHz
– Matrix Multiply Accelerator (MMA), up to 2
TOPS (8b) at up to 1.0GHz
– 32KB L1 DCache with SECDED ECC and
64KB L1 ICache with Parity protection
– 2.25MB of L2 SRAM with SECDED ECC
• Depth and Motion Processing Accelerators
(DMPAC)
– Dense Optical Flow (DOF) Accelerator
– Stereo Disparity Engine (SDE) Accelerator
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators:
– 600MP/s ISP
– Support for 12-bit RGB-IR
– Support for up to 16-bit input RAW format
– Line support up to 4096
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
• Output color format : 8-bits, 12-bits, and
YUV 4:2:2, YUV 4:2:0, RGB, HSV/HSL
Multimedia:
• Display subsystem
– Triple display support over OLDI/LVDS (1x
OLDI-DL, 1x or 2x OLDI-SL), DSI or DPI
• OLDI-SL (Single Link): up to 1920 x 1080 at
60fps (165-MHz Pixel Clock)
• OLDI-DL (Dual Link): up to 3840 x 1080 at
60fps (150-MHz Pixel Clock)
• MIPI® DSI: with 4 Lane MIPI® D-PHY
supports up to 3840 x 1080 at 60fps (300-
MHz Pixel Clock)
• DPI (24-bit RGB parallel interface): up to
1920 x 1080 at 60fps (165-MHz pixel clock)
– Four display pipelines with hardware overlay
support. A maximum of two display pipelines
may be used per display.
– Supports safety features such as freeze frame
detection and data correctness check
• 3D Graphics Processing Unit
– IMG BXS-4-64 with 256KB cache
– Up to 50 GFLOPS
– Single shader core
– OpenGL ES3.2 and Vulkan 1.2 API support
• Four Camera Serial Interface (CSI-2) Receiver
with 4 Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI® D-PHY
1.2
– Support for 1,2,3 or 4 data lane mode up to
2.5Gbps per lane
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• One CSI2.0 Transmitter with 4 Lane D-PHY
(shared with MIPI DSI)
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution
(3840 × 2160)
• Up to 400MP/s operation
Memory Subsystem:
• On-chip RAM dedicated to key processing cores
– 256KB of On-Chip RAM (OCRAM) with
SECDED ECC
AM67, AM67A
SPRSPA3 – MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AM67

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM67 TI-AM67 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6734 TI-AM6734 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6734AKGHIAMWR TI-AM6734AKGHIAMWR Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6754 TI-AM6754 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6754AKGHIAMWR TI-AM6754AKGHIAMWR Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
More results

Similar Description - AM67

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
SHARC Processors
Rev. G
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
logo
Freescale Semiconductor...
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com