Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 69 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM67 Datasheet HTML 65Page - Texas Instruments AM67 Datasheet HTML 66Page - Texas Instruments AM67 Datasheet HTML 67Page - Texas Instruments AM67 Datasheet HTML 68Page - Texas Instruments AM67 Datasheet HTML 69Page - Texas Instruments AM67 Datasheet HTML 70Page - Texas Instruments AM67 Datasheet HTML 71Page - Texas Instruments AM67 Datasheet HTML 72Page - Texas Instruments AM67 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 235 page
background image
Table 5-52. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MMC0_DAT4
IO
MMC/SD/SDIO Data
AC3
MMC0_DAT5
IO
MMC/SD/SDIO Data
AB3
MMC0_DAT6
IO
MMC/SD/SDIO Data
AF1
MMC0_DAT7
IO
MMC/SD/SDIO Data
AB2
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 5-53. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MMC1_CLK
IO
MMC/SD/SDIO Clock
H24
MMC1_CMD
IO
MMC/SD/SDIO Command
H22
MMC1_SDCD
I
SD Card Detect
B24
MMC1_SDWP
I
SD Write Protect
A24
MMC1_DAT0
IO
MMC/SD/SDIO Data
H23
MMC1_DAT1
IO
MMC/SD/SDIO Data
H20
MMC1_DAT2
IO
MMC/SD/SDIO Data
J23
MMC1_DAT3
IO
MMC/SD/SDIO Data
H25
Table 5-54. MMC2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MMC2_CLK
IO
MMC/SD/SDIO Clock
H26
MMC2_CMD
IO
MMC/SD/SDIO Command
F27
MMC2_SDCD
I
SD Card Detect
C24, E22, F26
MMC2_SDWP
I
SD Write Protect
A22, B21, H21
MMC2_DAT0
IO
MMC/SD/SDIO Data
G26
MMC2_DAT1
IO
MMC/SD/SDIO Data
G27
MMC2_DAT2
IO
MMC/SD/SDIO Data
H27
MMC2_DAT3
IO
MMC/SD/SDIO Data
J27
5.3.19 OLDI
5.3.19.1 MAIN Domain
Table 5-55. OLDI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
OLDI0_A0N
IO
OLDI Differential Data (negative)
AF23
OLDI0_A0P
IO
OLDI Differential Data (positive)
AG24
OLDI0_A1N
IO
OLDI Differential Data (negative)
AG22
OLDI0_A1P
IO
OLDI Differential Data (positive)
AG23
OLDI0_A2N
IO
OLDI Differential Data (negative)
AB20
OLDI0_A2P
IO
OLDI Differential Data (positive)
AB21
OLDI0_A3N
IO
OLDI Differential Data (negative)
AG20
OLDI0_A3P
IO
OLDI Differential Data (positive)
AG21
OLDI0_A4N
IO
OLDI Differential Data (negative)
AD21
OLDI0_A4P
IO
OLDI Differential Data (positive)
AC21
OLDI0_A5N
IO
OLDI Differential Data (negative)
AF19
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com