Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 17Page - Texas Instruments ADS9813 Datasheet HTML 18Page - Texas Instruments ADS9813 Datasheet HTML 19Page - Texas Instruments ADS9813 Datasheet HTML 20Page - Texas Instruments ADS9813 Datasheet HTML 21Page - Texas Instruments ADS9813 Datasheet HTML 22Page - Texas Instruments ADS9813 Datasheet HTML 23Page - Texas Instruments ADS9813 Datasheet HTML 24Page - Texas Instruments ADS9813 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
The CM voltage rejection circuit is configured depending on the analog input range of the PGA when using
single-ended inputs. Table 6-4 lists the recommended configuration for single-ended inputs for various analog
input voltage ranges.
Table 6-4. Wide Common-Mode Configuration for Single-Ended Inputs
PGA ANALOG
INPUT RANGE
CM_CTRL_EN
ANALOG INPUT CHANNELS 1–4
ANALOG INPUT CHANNELS 5–8
CM_EN_CH[4:1]
CM_RNG_CH[4:1]
CM_EN_CH[8:5]
CM_RNG_CH[8:5]
±2.5V, ±3.5V, and
±5V
1
0
Don't care
0
Don't care
±7V, ±10V, and ±12V
1
0
1
0
6.3.2 ADC Transfer Function
The ADS9813 outputs 18 bits of conversion data in either straight-binary or binary two's-complement formats.
The format for the output codes is the same across all analog channels. Select the format for the output
codes with the DATA_FORMAT register bits. Figure 6-3 and Table 6-5 show the transfer characteristics for the
ADS9813. The LSB size depends on the analog input range selected.
ANALOG INPUT
–FS+(0.5)LSB
0V–(0.5)LSB
+FS–(1.5)LSB
0x1FFFF
0x1FFFE
0x00001
0x00000
0x3FFFF
0x20002
0x20001
0x20000
Twos
Complement
0x3FFFF
0x3FFFE
0x20001
0x20000
0x1FFFF
0x00002
0x00001
0x00000
Straight
Binary
Figure 6-3. Transfer Characteristics
Table 6-5. ADC Full-Scale Range and LSB Size
RANGE
+FS
MIDSCALE
–FS
LSB
±2.5V
2.5V
0V
–2.5V
19.07µV
±3.5V
3.5V
0V
–3.5V
26.70µV
±5V
5V
0V
–5V
38.15µV
±7V
7V
0V
–7V
53.41µV
±10V
10V
0V
–10V
76.29µV
±12V
12V
0V
–12V
91.55µV
www.ti.com
ADS9813
SBASAQ6 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS9813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com