Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments ADS9813 Datasheet HTML 10Page - Texas Instruments ADS9813 Datasheet HTML 11Page - Texas Instruments ADS9813 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
5.5 Electrical Characteristics (continued)
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, IOVDD = 1.15V to 1.85V, VREF = 4.096V (internal or external),
and maximum throughput (unless otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values
at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain error matching
Wide CM disabled, range = ±2.5V, ±3.5V, and
±5V
0
±96
200
LSB
Wide CM enabled, range = ±2.5V, ±3.5V, and
±5V
0
±200
600
Wide CM enabled, range = ±7V, ±10V, ±12V
0
±96
200
Gain error thermal drift
Wide CM enabled and disabled, all ranges
0.7
3 ppm/°C
AC PERFORMANCE
SNR
Signal-to-noise ratio
Low-noise filter, fIN = 2kHz, range = ±2.5V
86.7
89.5
dBFS
Low-noise filter, fIN = 2kHz, range = ±3.5V
87.8
90.5
Low-noise filter, fIN = 2kHz, range = ±5V
88.5
91.4
Low-noise filter, fIN = 2kHz, range = ±7V
89.3
91.3
Low-noise filter, fIN = 2kHz, range = ±10V
89.9
91.8
Low-noise filter, fIN = 2kHz, range = ±12V
90
92
Wide-bandwidth filter, fIN = 2kHz, range
= ±2.5V
79
82.5
Wide-bandwidth filter, fIN = 2kHz, range
= ±3.5V
80
83.5
Wide-bandwidth filter, fIN = 2kHz, range = ±5V
80.5
84.5
Wide-bandwidth filter, fIN = 2kHz, range = ±7V
81.5
83.5
Wide-bandwidth filter, fIN = 2kHz, range
= ±10V
83
85
Wide-bandwidth filter, fIN = 2 kHz, range
= ±12V
83.5
85.5
SINAD
Signal-to-noise + distortion ratio
Low-noise filter, fIN = 2kHz, range = ±2.5V
85.7
88.9
dB
Low-noise filter, fIN = 2kHz, range = ±3.5V
86.7
89.9
Low-noise filter, fIN = 2kHz, range = ±5V
87.3
90.7
Low-noise filter, fIN = 2kHz, range = ±7V
88.0
90.6
Low-noise filter, fIN = 2kHz, range = ±10V
88.5
91.1
Low-noise filter, fIN = 2kHz, range = ±12V
88.6
91.3
Wide-bandwidth filter, fIN = 2kHz, range
= ±2.5V
78.6
82.2
Wide-bandwidth filter, fIN = 2kHz, range
= ±3.5V
79.5
83.2
Wide-bandwidth filter, fIN = 2kHz, range = ±5V
80.0
84.2
Wide-bandwidth filter, fIN = 2kHz, range = ±7V
80.9
83.2
Wide-bandwidth filter, fIN = 2kHz, range
= ±10V
82.3
84.7
Wide-bandwidth filter, fIN = 2kHz, range
= ±12V
82.8
85.1
THD
Total harmonic distortion
Low-noise filter, fIN = 2kHz, all ranges
–113
dB
Wide-bandwidth filter, fIN = 2kHz, all ranges
–113
SFDR
Spurious-free dynamic range
fIN = 2kHz
113
dB
CMRR
At dc
–70
dB
Isolation crosstalk
At dc
–100
dB
INTERNAL REFERENCE
ADS9813
SBASAQ6 – APRIL 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com