Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS9813 Datasheet HTML 24Page - Texas Instruments ADS9813 Datasheet HTML 25Page - Texas Instruments ADS9813 Datasheet HTML 26Page - Texas Instruments ADS9813 Datasheet HTML 27Page - Texas Instruments ADS9813 Datasheet HTML 28Page - Texas Instruments ADS9813 Datasheet HTML 29Page - Texas Instruments ADS9813 Datasheet HTML 30Page - Texas Instruments ADS9813 Datasheet HTML 31Page - Texas Instruments ADS9813 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
6.5 Programming
6.5.1 Register Write
Register write access is enabled by setting SPI_RD_EN = 0b. The 16-bit configuration registers are grouped in
three register banks and are addressable with an 8-bit register address. Select register bank 1 and register bank
2 for read or write operation by configuring the PAGE_SEL0 and PAGE_SEL1 bits, respectively. Registers in
bank 0 are always accessible, irrespective of the PAGE_SELx bits. These register addresses are unique and are
therefore not used in register banks 1 and 2.
As shown in Figure 6-9, steps to write to a register are:
1. Frame 1: Write to register address 0x03 in register bank 0 to select either register bank 1 or bank 2 for a
subsequent register write. This frame has no effect when writing to registers in bank 0.
2. Frame 2: Write to the register in the bank selected in frame 1. Repeat this step for writing to multiple
registers in the same register bank.
24-bits
CS
SCLK
{ addr[23:16] = 0x03, data[15:0] = 0x0002 or
0x0010 }
Register Write for Bank Selection (ADDR = 0x03)
Not Required for Register Bank 0
Register Write
{ addr[23:16] = REG_ADDR, data[15:0] = DATA }
SDI
Logic 0 (when SPI_MODE = 0b) and Hi-Z (when SPI_MODE = 1b)
SDO
Frame 1
Frame 2
Figure 6-9. Register Write
6.5.2 Register Read
Select the desired register bank by writing to register address 0x03 in register bank 0. Register read access is
enabled by setting SPI_RD_EN = 1b and SPI_MODE = 1b in register bank 0. As illustrated in Figure 6-10, read
registers by using two 24-bit SPI frames after the SPI_RD_EN and SPI_MODE bits are set. The first SPI frame
selects the register bank. The ADC returns the 16-bit register value in the second SPI frame corresponding to
the 8-bit register address.
As illustrated in Figure 6-10, the steps to read a register are:
1. Frame 1: With SPI_RD_EN = 0b, write to register address 0x03 in register bank 0 to select the desired
register bank 0 for reading.
2. Frame 2: Set SPI_RD_EN = 1b and SPI_MODE = 1b in register address 0x00 in register bank 0.
3. Frame 3: Read any register in the selected bank using a 24-bit SPI frame containing the desired register
address. Repeat this step with the address of any register in the selected bank to read the corresponding
register.
4. Frame 4: Set SPI_RD_EN = 0 to disable register read and re-enable register writes.
5. Repeat steps 1 through 4 to read registers in a different bank.
ADS9813
SBASAQ6 – APRIL 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com