Electronic Components Datasheet Search
  English  ▼

X  

ADS9813 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS9813
Description  ADS9813 18-Bit, 2MSPS, 8-Channel, Simultaneous-Sampling ADC With Integrated Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS9813 Datasheet(HTML) 4 Page - Texas Instruments

  ADS9813 Datasheet HTML 1Page - Texas Instruments ADS9813 Datasheet HTML 2Page - Texas Instruments ADS9813 Datasheet HTML 3Page - Texas Instruments ADS9813 Datasheet HTML 4Page - Texas Instruments ADS9813 Datasheet HTML 5Page - Texas Instruments ADS9813 Datasheet HTML 6Page - Texas Instruments ADS9813 Datasheet HTML 7Page - Texas Instruments ADS9813 Datasheet HTML 8Page - Texas Instruments ADS9813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AIN7M
14
AI
Analog input channel 7, negative input.
AIN7P
13
AI
Analog input channel 7, positive input.
AIN8M
17
AI
Analog input channel 8, negative input.
AIN8P
16
AI
Analog input channel 8, positive input.
AVDD_5V
15, 56
P
5V analog supply. Connect 1µF and 0.1µF decoupling capacitors to GND.
CS
25
DI
Chip-select input for the SPI interface configuration; active low. This pin has an internal
100kΩ pullup resistor to IOVDD.
D0
34
DO
Serial output data lane 0.
D1
35
DO
Serial data output lane 1.
D2
36
DO
Serial data output lane 2.
D3
37
DO
Serial data output lane 3.
DCLKOUT
33
DO
Clock output for the data interface.
FCLKOUT
40
DO
Frame synchronization output for the data interface.
GND
7, 23, 46
P
Ground.
IOGND
29, 42
P
Ground for the digital interface. Connect to ground externally.
IOVDD
30, 41
P
Digital I/O supply for the data interface. Connect 1µF and 0.1µF decoupling capacitors to
GND.
NC
20, 38, 39, 50,
51
—
Not connected. No external connection.
PWDN
32
DI
Power-down control; active low. PWDN has an internal 100kΩ pullup resistor to the digital
interface supply.
REFIO
52
AI/AO
REFIO acts as an internal reference output when the internal reference is enabled. REFIO
functions as an input pin for the external reference when the internal reference is disabled.
Connect a 10µF decoupling capacitor to the REFM pins.
REFM
8, 18, 53
AI
Reference ground potential. Connect to GND.
REFOUT_2V5
19
AO
2.5V reference output. Connect a decoupling 10µF capacitor to the REFM pins.
RESET
31
DI
Reset input for the device; active low. RESET has an internal 100kΩ pullup resistor to the
digital interface supply.
SCLK
26
DI
Serial clock input for the configuration interface. SCLK has an internal 100kΩ pulldown
resistor to the digital interface ground.
SDI/EXTREF
27
DI
SDI is a multifunction logic input. Pin function is determined by the SPI_EN pin. SDI has an
internal 100kΩ pulldown resistor to GND.
SPI_EN = 0b: SDI is the logic input to select between the internal or external reference.
Connect SDI to GND for the external reference. Connect SDI to IOVDD for the internal
reference.
SPI_EN = 1b: Serial data input for the configuration interface.
SDO
28
DO
Serial data output for the configuration interface.
SMPL_CLKM
43
DI
Connect SMPL_CLKM to GND for a single-ended ADC sampling clock input. SMPL_CLKM
is the negative input for the differential sampling clock input to the ADC.
SMPL_CLKP
44
DI
Single-ended ADC sampling clock input. SMPL_CLKP is the positive input for the differential
sampling clock input to the ADC.
SMPL_SYNC
45
DI
Synchronization input. See the Synchronizing Multiple ADCs section on how to use the
SMPL_SYNC pin.
SPI_EN
24
DI
Logic input to enable the SPI interface configuration (CS, SCLK, SDI, and SDO). SPI_EN
has an internal 100kΩ pullup resistor to the digital interface supply.
VDD_1V8
21, 22, 47, 48,
49
P
1.8V power-supply. Connect 1µF and 0.1µF decoupling capacitors to GND.
Thermal pad
—
P
Exposed thermal pad; connect to GND.
(1)
I = input, O = output, I/O = input or output, G = ground, and P = power.
ADS9813
SBASAQ6 – APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADS9813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com