Electronic Components Datasheet Search
  English  ▼

X  

AD7785 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7785
Description  3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7785 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7785 Datasheet HTML 15Page - Analog Devices AD7785 Datasheet HTML 16Page - Analog Devices AD7785 Datasheet HTML 17Page - Analog Devices AD7785 Datasheet HTML 18Page - Analog Devices AD7785 Datasheet HTML 19Page - Analog Devices AD7785 Datasheet HTML 20Page - Analog Devices AD7785 Datasheet HTML 21Page - Analog Devices AD7785 Datasheet HTML 22Page - Analog Devices AD7785 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7785
Rev. 0 | Page 19 of 32
Table 16. IO Register Bit Designations
Bit Location
Bit Name
Description
IO7 to IO4
0
These bits must be programmed with a Logic 0 for correct operation.
IO3 to IO2
IEXCDIR1 to
IEXCDIR0
Direction of current sources select bits.
IEXCDIR1
IEXCDIR0
Current Source Direction
0
0
Current Source IEXC1 connected to Pin IOUT1, Current Source IEXC2
connected to Pin IOUT2.
0
1
Current Source IEXC1 connected to Pin IOUT2, Current Source IEXC2
connected to Pin IOUT1.
1
0
Both current sources connected to Pin IOUT1. Permitted when the current
sources are set to 10 μA or 210 μA only.
1
1
Both current sources connected to Pin IOUT2. Permitted when the current
sources are set to 10 μA or 210 μA only.
IO1 to IO0
IEXCEN1 to
IEXCEN0
These bits are used to enable and disable the current sources along with selecting the value of the
excitation currents.
IEXCEN1
IEXCEN0
Current Source Value
0
0
Excitation Current Disabled
0
1
10 μA
1
0
210 μA
1
1
1 mA
OFFSET REGISTER
RS2, RS1, RS0 = 1, 1, 0; Power-On/Reset = 0x800000
Each analog input channel has a dedicated offset register that
holds the offset calibration coefficient for the channel. This
register is 24 bits wide and its power-on/reset value is
0x8000(00). The offset register is used in conjunction with its
associated full-scale register to form a register pair. The power-
on reset value is automatically overwritten if an internal or
system zero-scale calibration is initiated by the user. The offset
register is a read/write register. However, the AD7785 must be
in idle mode or power-down mode when writing to the
offset register.
FULL-SCALE REGISTER
RS2, RS1, RS0 = 1, 1, 1; Power-On/Reset = 0x5XXX00
The full-scale register is a 24-bit register that holds the full-scale
calibration coefficient for the ADC. The AD7785 has 3 full-scale
registers, each channel having a dedicated full-scale register.
The full-scale registers are read/write registers; however, when
writing to the full-scale registers, the ADC must be placed in
power-down mode or idle mode. These registers are configured
on power-on with factory-calibrated full-scale calibration coef-
ficients, the calibration being performed at gain = 1. Therefore,
every device has different default coefficients. The coefficients
are different depending on whether the internal reference or an
external reference is selected. The default value is automatically
overwritten if an internal or system full-scale calibration is
initiated by the user, or the full-scale register is written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com