Electronic Components Datasheet Search
  English  ▼

X  

AD7785 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7785
Description  3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7785 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7785 Datasheet HTML 24Page - Analog Devices AD7785 Datasheet HTML 25Page - Analog Devices AD7785 Datasheet HTML 26Page - Analog Devices AD7785 Datasheet HTML 27Page - Analog Devices AD7785 Datasheet HTML 28Page - Analog Devices AD7785 Datasheet HTML 29Page - Analog Devices AD7785 Datasheet HTML 30Page - Analog Devices AD7785 Datasheet HTML 31Page - Analog Devices AD7785 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7785
Rev. 0 | Page 30 of 32
TEMPERATURE MEASUREMENT USING AN RTD
To optimize a 3-wire RTD configuration, two identically
matched current sources are required. The AD7785, which
contains two well-matched current sources, is ideally suited to
these applications. One possible 3-wire configuration is shown
in Figure 21. In this 3-wire configuration, the lead resistances
result in errors if only one current is used, as the excitation
current flows through RL1, developing a voltage error between
AIN1(+) and AIN1(–). In the scheme outlined, the second RTD
current source is used to compensate for the error introduced
by the excitation current flowing through RL1. The second RTD
current flows through RL2. Assuming RL1 and RL2 are equal
(the leads would normally be of the same material and of equal
length), and IOUT1 and IOUT2 match, the error voltage across
RL2 equals the error voltage across RL1, and no error voltage
is developed between AIN1(+) and AIN1(–). The voltage is
developed twice across RL3. However, because this is a
common- mode voltage, it does not introduce errors. The
reference voltage for the AD7785 is also generated using one of
these matched current sources. It is developed using a precision
resistor and applied to the differential reference pins of the
ADC. This scheme ensures that the analog input voltage span
remains ratiometric to the reference voltage. Any errors in the
analog input voltage due to the temperature drift of the excita-
tion current are compensated by the variation of the reference
voltage.
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
AD7785
IOUT1
REFIN(+)
REFIN(–)
AVDD
GND
BAND GAP
REFERENCE
INTERNAL
CLOCK
CLK
GND
GND
AVDD
IN-AMP
BUF
REFIN(+) REFIN(–)
AIN1(+)
AIN1(–)
RREF
IOUT2
RL2
RL1
RTD
RL3
Σ-Δ
ADC
Figure 21. RTD Application Using the AD7785



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com