Electronic Components Datasheet Search
  English  ▼

X  

AD7785 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7785
Description  3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7785 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7785 Datasheet HTML 16Page - Analog Devices AD7785 Datasheet HTML 17Page - Analog Devices AD7785 Datasheet HTML 18Page - Analog Devices AD7785 Datasheet HTML 19Page - Analog Devices AD7785 Datasheet HTML 20Page - Analog Devices AD7785 Datasheet HTML 21Page - Analog Devices AD7785 Datasheet HTML 22Page - Analog Devices AD7785 Datasheet HTML 23Page - Analog Devices AD7785 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7785
Rev. 0 | Page 20 of 32
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7785 is a low power ADC that incorporates a ∑-Δ
modulator, a buffer, reference, in-amp, and an on-chip digital
filter intended for the measurement of wide dynamic range, low
frequency signals such as those in pressure transducers, weigh
scales, and temperature measurement applications.
The part has three differential inputs that can be buffered or
unbuffered. The device can be operated with the internal 1.17 V
reference, or an external reference can be used. Figure 12 shows
the basic connections required to operate the part.
The output rate of the AD7785 (fADC) is user-programmable. The
allowable update rates, along with their corresponding settling
times, are listed in Table 14. Normal mode rejection is the major
function of the digital filter. Simultaneous 50 Hz and 60 Hz
rejection is optimized when the update rate equals 16.7 Hz or
less as notches are placed at both 50 Hz and 60 Hz with these
update rates (see Figure 14.)
The AD7785 uses slightly different filter types, depending on
the output update rate so that the rejection of quantization
noise and device noise is optimized. When the update rate is
from 4.17 Hz to 12.5 Hz, a Sinc3 filter, along with an averaging
filter, is used. When the update rate is from 16.7 Hz to 39 Hz, a
modified Sinc3 filter is used. This filter provides simultaneous
50 Hz/60 Hz rejection when the update rate equals 16.7 Hz. A
Sinc4 filter is used when the update rate is from 50 Hz to
242 Hz. Finally, an integrate-only filter is used when the update
rate equals 470 Hz.
Figure 13 to Figure 16 show the frequency response of the
different filter types for several update rates.
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7785
AIN2(+)
REFIN(+)
REFIN(–)
AIN2(–)
AVDD
GND
MUX
BAND GAP
REFERENCE
INTERNAL
CLOCK
CLK
GND
GND
AVDD
AVDD
IN-AMP
BUF
REFIN(+) REFIN(–)
VBIAS
AIN1(+)
AIN1(–)
R
R
THERMOCOUPLE
JUNCTION
C
RREF
IOUT2
Figure 12. Basic Connection Diagram
0
–20
–40
–60
–80
–100
0
120
100
80
60
40
20
FREQUENCY (Hz)
Figure 13. Filter Profile with Update Rate = 4.17 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com