Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 19Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 20Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 22Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 23Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 25Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 26Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.2.9 USB 1.1 Compliance
The Bluetooth chip on the F2M03 is qualified to the USB specification v1.1, details of which are available
from http://www.usb.org. The specification contains valuable information on aspects such as PCB track
impedance, supply inrush current and product labeling.
Although F2M03’s Bluetooth module meets the USB specification, Free2move cannot guarantee that an
application circuit designed around the chip is USB compliant. The choice of application circuit, component
choice and PCB layout all affect USB signal quality and electrical characteristics. The information in this
document is intended as a guide and should be read in association with the USB specification. Independent
USB qualification must be sought before an application is deemed USB compliant and can bear the USB
logo. Such qualification can be obtained from a USB plugfest or from an independent USB test house.
Terminals USB+ and USB- adhere to the USB specification v2.0 (Chapter 7) electrical requirements.
For ac and dc specifications for terminals USB_DETACH, USB_WAKE_UP, USB_PULL_UP and USB_ON,
refer to section PIO specification.
6.2.10 2.0 Compatibility
F2M03 is compatible with USB specification v2.0 host controllers; under these circumstances the two ends
agree the mutually acceptable rate of 12Mbits/s according to the USB v2.0 specification.
© 2006 Free2move AB
Page 23(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com