Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 36Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 37Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 38Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 39Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 40Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 41Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 42Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 43Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
Acronyms and definitions
Term:
Definition:
Bluetooth
A set of technologies providing audio and data transfer over short-range radio
ACL
Asynchronous Connection-Less. A Bluetooth data packet.
AC
Alternating Current
A-law
Audio encoding standard
API
Application Programming Interface
BCSP
BlueCore™ Serial Protocol
BER
Bit Error Rate. Used to measure the quality of a link
C/I
Carrier Over Interferer
CMOS
Complementary Metal Oxide Semiconductor
CODEC
Coder Decoder
CPU
Central Processing Unit
CQDDR
Channel Quality Driven Data Rate
CTS
Clear to Send
CVSD
Continuous Variable Slope Delta Modulation
DAC
Digital to Analogue Converter
dBm
Decibels relative to 1mW
DC
Direct Current
DFU
Device Firmware Upgrade
GCI
General Circuit Interface. Standard synchronous 2B+D ISDN timing interface
HCI
Host Controller Interface
Host
Application’s microcontroller
Host Controller
Bluetooth integrated chip
HV
Header Value
ISDN
Integrated Services Digital Network
ISM
Industrial, Scientific and Medical
ksamples/s
kilosamples per second
L2CAP
Logical Link Control and Adaptation Protocol (protocol layer)
LC
Link Controller
LSB
Least-Significant Bit
p-law
Encoding standard
MISO
Master In Serial Out
OHCI
Open Host Controller Interface
PA
Power Amplifier
PCB
Printed Circuit Board
PCM
Pulse Code Modulation. Refers to digital voice data
PIO
Parallel Input Output
RAM
Random Access Memory
RF
Radio Frequency
RFCOMM
Protocol layer providing serial port emulation over L2CAP
RISC
Reduced Instruction Set Computer
RSSI
Receive Signal Strength Indication
RTS
Ready To Send
RX
Receive or Receiver
SCO
Synchronous Connection-Oriented. Voice oriented Bluetooth packet
SDP
Service Discovery Protocol
SIG
Special Interest Group
SPI
Serial Peripheral Interface
SPP
Serial Port Profile
TBD
To Be Defined
TX
Transmit or Transmitter
UART
Universal Asynchronous Receiver Transmitter
USB
Universal Serial Bus or Upper Side Band (depending on context)
VM
Virtual Machine
www
world wide web
© 2006 Free2move AB
Page 43(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com