Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 2Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
Input/Output Terminal Characteristics (Continued)
Auxiliary ADC, 8-bit resolution
Min
Typ
Max
Unit
Resolution
-
-
8
Bits
Input voltage range
(LSB size = 1.8/255= 7.1mV)
0
-
1.8
V
INL
-1
-
1
LSB
Accuracy
(Guaranteed monotonic)
DNL
0
-
1
LSB
Offset
-1
-
1
LSB
Gain Error
-0.8
-
0.8
%
Input Bandwidth
-
100
-
KHz
Conversion time
-
2.5
-
µS
Sample rate*
-
-
700
Sample/s
*The ADC is accessed through the VM function. The sample rate given is achieved as a part of this function
Average current consumption
VDD = 3.3V Temperature = 20
oC
Measured using Wireless UART firmware v4.
Slave:
Mode
Average (mA)
No connection (default settings)
TBD
No connection (inquiry scan disabled)
-
Connected (Short range), no data transfer
-
Connected (Short range), no data transfer
Sniff mode 200 ms interval
-
Connected (Short range), no data transfer
Park mode 200 ms interval
-
Connected, (Short range) 115.2 kbit/s master to slave
-
Connected, (Short range) 115.2 kbit/s slave to master
-
Connected, (Short range) 115.2 kbit/s full duplex
-
Connected, (Short range) 115.2 kbit/s slave to master
Sniff mode 125 ms interval
-
Master:
Mode
Average (mA)
No connection (default settings)
TBD
Connected (Short range), no data transfer
-
Connected (Short range), no data transfer
Sniff mode 200 ms interval
-
Connected (Short range), no data transfer
Park mode 200 ms interval
-
Connected, (Short range) 115.2 kbit/s master to slave
-
Connected, (Short range) 115.2 kbit/s full duplex
-
Connected, (Long range) 115.2 kbit/s full duplex
-
Connected, (Short range) 115.2 kbit/s slave to master
Sniff mode 125 ms interval
-
Connected, (Short range) 115.2 kbit/s slave to master
Sniff mode 125 ms interval
-
Connected, (Short range) 115.2 kbit/s full duplex
Sniff mode 125 ms interval
-
Peak current consumption
VDD = 3.3V Temperature = 20
oC
Mode
Typ
Unit
Peak consumption during RF peaks
75
mA
Deep sleep leakage current
VDD = 3.3V Temperature = 20
oC
Mode
Typ
Unit
Deep sleep
275
µA
© 2006 Free2move AB
Page 6(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com