Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 25Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 26Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 27Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 28Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 29Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.5.4 Multi-Slot Operation
More than one SCO connection over the PCM interface is supported using multiple slots. Up to three SCO
connections can be carried over any of the first four slots.
Multi-slot Operation with Two Slots and 8-bit Companded Samples
6.5.5 GCI Interface
F2M03 is compatible with the General Circuit Interface, a standard synchronous 2B+D ISDN timing
interface. The two 64Kbps B channels can be accessed when this mode is configured. In the GCI interface
two clock cycles are required for each bit of the voice sample. The voice sample format is 8-bit companded.
As for the standard PCM interface up to 3 SCO connections can be carried over the first four slots.
GCI Interface
The start of frame is indicated by PCM SYNC and runs at 8kHz. With F2M03 in Slave mode, the frequency
of PCMCLK can be up to PCM_SYNC In order to configure the PCM interface to work in GCI mode it is
necessary to have the correct firmware support (contact Free2move)
© 2006 Free2move AB
Page 28(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com