Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  F2M03GLA Datasheet HTML 1Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 2Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
3
Electrical Characteristics
Absolute Maximum Ratings
Rating
Min
Max
Storage Temperature
-40
°C
+150
°C
Breakdown supply voltage
-0.4V
5.60V
Recommended Operating Conditions
Rating
Min
Max
Operating temperature range
-40
°C
+85
°C
Supply voltage
3.1V
3.6V
Input/Output Terminal Characteristics
Digital Terminals
Min
Typ
Max
Unit
Input Voltage
VIL input logic level low, 2.7V ≤ VDD ≤ 3.0V
-0.4
-
+0.8
V
VIH input logic level high
0.7VDD
-
VDD+0.4
V
Output Voltage
VOL output logic level low, (lO = 4.0mA), 2.7V ≤ VDD ≤ 3.0V
-
-
0.2
V
VOH output logic level high, (lO = 4.0mA), 2.7V ≤ VDD ≤ 3.0V
VDD-0.2
-
-
V
Input and tristate current
Strong pull-up
-100
-40
-10
µA
Strong pull-down
+10
+40
+100
µA
Weak pull-up
-5.0
-1.0
-0.2
µA
Weak pull-down
+0.2
+1.0
+5.0
µA
I/O pad leakage current
-1
0
+1
µA
CI Input Capacitance
1.0
-
5.0
pF
USB Terminals
Min
Typ
Max
Unit
USB Terminals
VDD for correct USB operation
3.1
-
3.6
V
Input threshold
VIL input logic level low
-
-
0.3VDD
V
VIH input logic level high
0.7VDD
-
-
V
Input leakage current
CI Input capacitance
2.5
-
10.0
pF
Output levels to correctly terminated USB Cable
VOL output logic level low
0
-
0.2
V
VOH output logic level high
2.8
-
VDD
V
Notes:
Current drawn into a pin is defined as positive; current supplied out of a pin is defined as negative.
© 2006 Free2move AB
Page 5(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com