Electronic Components Datasheet Search
  English  ▼

X  

F2M03GLA Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # F2M03GLA
Description  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 33Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 34Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 35Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 36Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 37Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
7
Application information
7.1
Recommended land pattern
F2M03GLA
All dimensions are in [mm]
1
17
No ground planes, or placed
outside the PCB
16
[TOP VIEW]
0.8
1.2
15.2
32
Solder pad
Recommended extended pad for manual soldering
Restricted area for ground planes or other components
•
Pad size: 0.8x1.2mm,
•
Solder mask opening 0.9x1.3mm
•
Pitch: 1.27mm (50mil)
© 2006 Free2move AB
Page 34(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com