Electronic Components Datasheet Search
  English  ▼

X  

DAC5652 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 5 Page - Texas Instruments

  DAC5652 Datasheet HTML 1Page - Texas Instruments DAC5652 Datasheet HTML 2Page - Texas Instruments DAC5652 Datasheet HTML 3Page - Texas Instruments DAC5652 Datasheet HTML 4Page - Texas Instruments DAC5652 Datasheet HTML 5Page - Texas Instruments DAC5652 Datasheet HTML 6Page - Texas Instruments DAC5652 Datasheet HTML 7Page - Texas Instruments DAC5652 Datasheet HTML 8Page - Texas Instruments DAC5652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
ELECTRICAL CHARACTERISTICS (continued)
over T
A, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Input
VEXTIO
Input voltage
0.1
1.25
V
RI
Input resistance
1
M
Ω
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
Offset drift
2
ppm of
FSR/°C
Gain drift
With external reference
±20
ppm of
FSR/°C
With internal reference
±40
ppm of
FSR/°C
Reference voltage drift
±20
ppm/°C
over T
A, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz, independent gain set mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
IAVDD
Supply current, analog
Including output current through load
75
90
resistor
mA
Sleep mode with clock
2.5
Sleep mode without clock
2.5
IDVDD
Supply current, digital
12
20
Sleep mode with clock
11.3
18
mA
Sleep mode without clock
0.6
Power dissipation
290
360
Sleep mode with clock
45.5
mW
Sleep mode without clock
9.2
fDATA = 275 MSPS, fOUT = 20 MHz
310
APSRR
Analog power supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–40
85
°C
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com