Electronic Components Datasheet Search
  English  ▼

X  

DAC5652 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5652 Datasheet HTML 2Page - Texas Instruments DAC5652 Datasheet HTML 3Page - Texas Instruments DAC5652 Datasheet HTML 4Page - Texas Instruments DAC5652 Datasheet HTML 5Page - Texas Instruments DAC5652 Datasheet HTML 6Page - Texas Instruments DAC5652 Datasheet HTML 7Page - Texas Instruments DAC5652 Datasheet HTML 8Page - Texas Instruments DAC5652 Datasheet HTML 9Page - Texas Instruments DAC5652 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
AC specifications over T
A, AVDD = DVDD = 3.3 V, IOUTFS = 20 mA, independent gain set mode, differential 1:1 impedance
ratio transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fclk
Maximum output update
275
MSPS
rate(1)
ts
Output settling time to 0.1%
Mid-scale transition
20
ns
(DAC)
tr
Output rise time 10% to 90%
1.4
ns
(OUT)
tf
Output fall time 90% to 10%
1.5
ns
(OUT)
Output noise
IOUTFS = 20 mA
55
pA/
√Hz
IOUTFS = 2 mA
30
AC Linearity
1st Nyquist zone, TA = 25°C,
79
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS = 0 dB
1st Nyquist zone, TA = 25°C,
78
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS = –6 dB
1st Nyquist zone, TA = 25°C,
73
fDATA = 50 MSPS, fOUT = 1 MHz, IOUTFS = –12 dB
1st Nyquist zone, TA = 25°C,
80
fDATA = 100 MSPS, fOUT = 5 MHz, IOUTFS = 0 dB
SFDR
Spurious-free dynamic range
dBc
1st Nyquist zone, TA = 25°C,
76
fDATA = 100 MSPS, fOUT = 20 MHz, IOUTFS = 0 dB
1st Nyquist zone, TMIN to TMAX,
61
70
fDATA = 200 MSPS, fOUT = 20 MHz, IOUTFS = 0 dB
1st Nyquist zone, TA = 25°C,
67
fDATA = 200 MSPS, fOUT = 41 MHz, IOUTFS = 0 dB
1st Nyquist zone, TA = 25°C,
70
fDATA = 275 MSPS, fOUT = 20 MHz
1st Nyquist zone, TA = 25°C,
63
dB
fDATA = 100 MSPS, fOUT = 5 MHz, IOUTFS = 0 dB
SNR
Signal-to-noise ratio
1st Nyquist zone, TA = 25°C,
62
dB
fDATA = 160 MSPS, fOUT = 20 MHz, IOUTFS = 0 dB
Each tone at –6 dBFS, TA = 25°C,
61
fDATA = 200 MSPS, fOUT = 45.4 MHz and 46.4 MHz
Third-order two-tone
IMD3
dBc
intermodulation
Each tone at –6 dBFS, TA = 25°C,
78
fDATA = 100 MSPS, fOUT = 15.1 MHz and 16.1 MHz
Each tone at –12 dBFS, TA = 25°C
76
fDATA = 100 MSPS, fOUT = 15.6, 15.8, 16.2, and
16.4 MHz
Each tone at –12 dBFS, TA = 25°C
55
IMD
Four-tone intermodulation
fDATA = 165 MSPS, fOUT = 19.0, 19.1, 19.3, and
dBc
19.4 MHz
Each tone at –12 dBFS, TA = 25°C
70
fDATA = 165 MSPS, fOUT = 68.8, 69.6, 71.2, and
72.0 MHz
Channel isolation
TA = 25°C, fDATA = 165 MSPS
90
dBc
fOUT (CH1) = 20 MHz, fOUT (CH2) = 21 MHz
(1)
Assured by design and bench characterization. Not production tested.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com