Electronic Components Datasheet Search
  English  ▼

X  

DAC5652 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5652 Datasheet HTML 7Page - Texas Instruments DAC5652 Datasheet HTML 8Page - Texas Instruments DAC5652 Datasheet HTML 9Page - Texas Instruments DAC5652 Datasheet HTML 10Page - Texas Instruments DAC5652 Datasheet HTML 11Page - Texas Instruments DAC5652 Datasheet HTML 12Page - Texas Instruments DAC5652 Datasheet HTML 13Page - Texas Instruments DAC5652 Datasheet HTML 14Page - Texas Instruments DAC5652 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Digital Inputs and Timing
Digital Inputs
DA[9:0]
DB[9:0]
SLEEP
CLKA/B
WRTA/B
Internal
Digital In
DVDD
DGND
GSET
MODE
Internal
Digital In
DVDD
DGND
Input Interfaces
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
The data input ports of the DAC5652 accept a standard positive coding with data bits DA9 and DB9 being the
most significant bits (MSB). The converter outputs support a clock rate of up to 275 MSPS. The best
performance is typically achieved with a symmetric duty cycle for write and clock; however, the duty cycle may
vary as long as the timing specifications are met. Similarly, the setup and hold times may be chosen within their
specified limits.
All digital inputs of the DAC5652 are CMOS compatible. Figure 13 and Figure 14 show schematics of the
equivalent CMOS digital inputs of the DAC5652. The 10-bit digital data input follows the offset positive binary
coding scheme. The DAC5652 is designed to operate with a digital supply (DVDD) of 3 V to 3.6 V.
Figure 13. CMOS/TTL Digital Equivalent Input With Internal Pulldown Resistor
Figure 14. CMOS/TTL Digital Equivalent Input With Internal Pullup Resistor
The DAC5652 features two operating modes selected by the MODE pin, as shown in Table 1.
•
For dual-bus input mode, the device essentially consists of two separate DACs. Each DAC has its own
separate data input bus, clock input, and data write signal (data latch-in).
•
In single-bus interleaved mode, the data must be presented interleaved at the A-channel input bus. The
B-channel input bus is not used in this mode. The clock and write input are now shared by both DACs.
Table 1. Operating Modes
MODE Pin
MODE pin connected to DGND
MODE pin connected to DVDD
Bus input
Single-bus interleaved mode, clock and write input equal for both DACs
Dual-bus mode, DACs operate independently
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com