Electronic Components Datasheet Search
  English  ▼

X  

DAC5652 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5652 Datasheet HTML 13Page - Texas Instruments DAC5652 Datasheet HTML 14Page - Texas Instruments DAC5652 Datasheet HTML 15Page - Texas Instruments DAC5652 Datasheet HTML 16Page - Texas Instruments DAC5652 Datasheet HTML 17Page - Texas Instruments DAC5652 Datasheet HTML 18Page - Texas Instruments DAC5652 Datasheet HTML 19Page - Texas Instruments DAC5652 Datasheet HTML 20Page - Texas Instruments DAC5652 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.ti.com
Single-Ended Configuration
IOUT1
IOUT2
50
Ω
25
Ω
RLOAD
50
Ω
AGND
Reference Operation
Internal Reference
I
OUTFS +
32
I
REF +
32
V
REF
R
SET
(9)
External Reference
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION (continued)
Figure 20 shows the single-ended output configuration, where the output current IOUT1 flows into an equivalent
load resistance of 25
Ω. Node IOUT2 must be connected to AGND or terminated with a resistor of 25 Ω to
AGND. The nominal resistor load of 25
Ω gives a differential output swing of 1 V
PP when applying a 20-mA
full-scale output current.
Figure 20. Driving a Doubly-Terminated 50-
Ω Cable Using a Single-Ended Output
The DAC5652 has an on-chip reference circuit which comprises a 1.2-V bandgap reference and two control
amplifiers, one for each DAC. The full-scale output current, IOUTFS, of the DAC5652 is determined by the
reference voltage, VREF, and the value of resistor RSET. IOUTFS can be calculated by:
The reference control amplifier operates as a V-to-I converter producing a reference current, IREF, which is
determined by the ratio of VREF and RSET (see Equation 9). The full-scale output current, IOUTFS, results from
multiplying IREF by a fixed factor of 32.
Using the internal reference, a 2-k
Ω resistor value results in a full-scale output of approximately 20 mA. Resistors
with a tolerance of 1% or better should be considered. Selecting higher values, the output current can be
adjusted from 20 mA down to 2 mA. Operating the DAC5652 at lower than 20-mA output currents may be
desirable for reasons of reducing the total power consumption, improving the distortion performance, or
observing the output compliance voltage limitations for a given load condition.
It is recommended to bypass the EXTIO pin with a ceramic chip capacitor of 0.1 µF or more. The control
amplifier is internally compensated and its small signal bandwidth is approximately 300 kHz.
The internal reference can be disabled by simply applying an external reference voltage into the EXTIO pin,
which in this case functions as an input. The use of an external reference may be considered for applications that
require higher accuracy and drift performance or to add the ability of dynamic gain control.
While a 0.1-µF capacitor is recommended to be used with the internal reference, it is optional for the external
reference operation. The reference input, EXTIO, has a high input impedance (1 M
Ω) and can easily be driven
by various sources. Note that the voltage range of the external reference must stay within the compliance range
of the reference input.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com