Electronic Components Datasheet Search
  English  ▼

X  

DAC5652 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5652 Datasheet HTML 12Page - Texas Instruments DAC5652 Datasheet HTML 13Page - Texas Instruments DAC5652 Datasheet HTML 14Page - Texas Instruments DAC5652 Datasheet HTML 15Page - Texas Instruments DAC5652 Datasheet HTML 16Page - Texas Instruments DAC5652 Datasheet HTML 17Page - Texas Instruments DAC5652 Datasheet HTML 18Page - Texas Instruments DAC5652 Datasheet HTML 19Page - Texas Instruments DAC5652 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.ti.com
Differential With Transformer
IOUT1
1:1
IOUT2
50
Ω
50
Ω
RLOAD
50
Ω
100
Ω
AGND
IOUT1
4:1
IOUT2
100
Ω
100
Ω
RLOAD
50
Ω
AGND
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION (continued)
The single-ended configuration may be considered for applications requiring a unipolar output voltage.
Connecting a resistor from either one of the outputs to ground converts the output current into a
ground-referenced voltage signal. To improve on the dc linearity by maintaining a virtual ground, an I-to-V or
op-amp configuration may be considered.
Using an RF transformer provides a convenient way of converting the differential output signal into a
single-ended signal while achieving excellent dynamic performance. The appropriate transformer must be
carefully selected based on the output frequency spectrum and impedance requirements.
The differential transformer configuration has the benefit of significantly reducing common-mode signals, thus
improving the dynamic performance over a wide range of frequencies. Furthermore, by selecting a suitable
impedance ratio (winding ratio) the transformer can provide optimum impedance matching while controlling the
compliance voltage for the converter outputs.
Figure 18 and Figure 19 show 50-
Ω doubly-terminated transformer configurations with 1:1 and 4:1 impedance
ratios, respectively. Note that the center tap of the primary input of the transformer has to be grounded to enable
a dc-current flow. Applying a 20-mA full-scale output current would lead to a 0.5-VPP output for a 1:1 transformer
and a 1-VPP output for a 4:1 transformer. In general, the 1:1 transformer configuration will have slightly better
output distortion, but the 4:1 transformer will have 6 dB higher output power.
Figure 18. Driving a Doubly-Terminated 50-
Ω Cable Using a 1:1 Impedance Ratio Transformer
Figure 19. Driving a Doubly-Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com