Electronic Components Datasheet Search
  English  ▼

X  

M68HC05 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 66Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
SCI I/O Registers
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
69
FE — Receiver Framing Error Flag
This clearable, read-only flag is set when there is a logic 0 where a stop bit should be in the character
shifted into the receive shift register. If the received word causes both a framing error and an overrun
error, the OR flag is set and the FE flag is not set. Clear the FE bit by reading the SCSR and then
reading the SCDR.
1 = Framing error
0 = No framing error
9.13.5 Baud Rate Register
The baud rate register (BAUD), shown in Figure 9-12, selects the baud rate for both the receiver and the
transmitter.
SCP1 — SCP0–SCI Prescaler Select Bits
These read/write bits control prescaling of the baud rate generator clock, as shown in Table 9-1. Reset
clears both SCP1 and SCP0.
SCR2 — SCR0–SCI Baud Rate Select Bits
These read/write bits select the SCI baud rate, as shown in Table 9-2. Resets have no effect on the
SCR2–SCR0 bits.
$000D
Bit 7
6543
2
1
Bit 0
Read:
SCP1
SCP0
SCR2
SCR1
SCR0
Write:
Reset:
—
—
0
0
—
U
U
U
= Unimplemented
U = Undetermined
Figure 9-12. Baud Rate Register (BAUD)
Table 9-1. Baud Rate Generator Clock Prescaling
SCP[1:0]
Baud Rate Generator Clock
00
Internal Clock
÷ 1
01
Internal Clock
÷ 3
10
Internal Clock
÷ 4
11
Internal Clock
÷ 13
Table 9-2. Baud Rate Selection
SCR[2:0]
SCI Baud Rate (Baud)
000
Prescaled Clock
÷ 1
001
Prescaled Clock
÷ 2
010
Prescaled Clock
÷ 4
011
Prescaled Clock
÷ 8
100
Prescaled Clock
÷ 16
101
Prescaled Clock
÷ 32
110
Prescaled Clock
÷ 64
111
Prescaled Clock
÷ 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com