Electronic Components Datasheet Search
  English  ▼

X  

M68HC05 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
Instruction Types
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
83
11.3.3 Jump/Branch Instructions
Jump instructions allow the CPU to interrupt the normal sequence of the program counter. The
unconditional jump instruction (JMP) and the jump-to-subroutine instruction (JSR) have no register
operand. Branch instructions allow the CPU to interrupt the normal sequence of the program counter
when a test condition is met. If the test condition is not met, the branch is not performed.
The BRCLR and BRSET instructions cause a branch based on the state of any readable bit in the first
256 memory locations. These 3-byte instructions use a combination of direct addressing and relative
addressing. The direct address of the byte to be tested is in the byte following the opcode. The third byte
is the signed offset byte. The CPU finds the effective branch destination by adding the third byte to the
program counter if the specified bit tests true. The bit to be tested and its condition (set or clear) is part of
the opcode. The span of branching is from –128 to +127 from the address of the next location after the
branch instruction. The CPU also transfers the tested bit to the carry/borrow bit of the condition code
register.
Table 11-3. Jump and Branch Instructions
Instruction
Mnemonic
Branch if Carry Bit Clear
BCC
Branch if Carry Bit Set
BCS
Branch if Equal
BEQ
Branch if Half-Carry Bit Clear
BHCC
Branch if Half-Carry Bit Set
BHCS
Branch if Higher
BHI
Branch if Higher or Same
BHS
Branch if IRQ Pin High
BIH
Branch if IRQ Pin Low
BIL
Branch if Lower
BLO
Branch if Lower or Same
BLS
Branch if Interrupt Mask Clear
BMC
Branch if Minus
BMI
Branch if Interrupt Mask Set
BMS
Branch if Not Equal
BNE
Branch if Plus
BPL
Branch Always
BRA
Branch if Bit Clear
BRCLR
Branch Never
BRN
Branch if Bit Set
BRSET
Branch to Subroutine
BSR
Unconditional Jump
JMP
Jump to Subroutine
JSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com