Electronic Components Datasheet Search
  English  ▼

X  

M68HC05 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 13Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
Mask Options
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
17
C12A — C12A/C9A Mode Select Bit
This read/write bit selects between C12A configuration and C9A configuration.
1 = Configured to emulate MC68HC05C12A
0 = Configured to emulate MC68HC05C9A
C12IRQ — C12A Interrupt Request Bit
This read/write bit selects between an edge-triggered only or edge- and level-triggered external
interrupt pin. If configured in C9A mode, this bit has no effect and will be forced to 0 regardless of the
programmed state.
1 = Edge and level interrupt option selected
0 = Edge-only interrupt option selected
NOTE
Any Port B pin configured for interrupt capability will follow the same edge
or edge/level trigger as the IRQ pin.
STOPDIS — STOP Instruction Disable Bit
This read-only bit allows emulation of the “STOP disable” mask option on the MC68HC05C12A. (See
5.9 COP During Stop Mode.) If configured in MC68HC05C9A mode, this bit has no effect and will be
forced to 0 regardless of the programmed state.
1 = If the MCU enters stop mode, the clock monitor is enabled to force a system reset
0 = STOP instruction executed as normal
C12COPE — C12A COP Enable Bit
This read-only bit enables the COP function when configured in MC68HC05C12A mode. If configured
in MC68HC05C9A mode, this bit has no effect and will be forced to 0 regardless of the programmed
state.
1 = When in C12A mode, this enables the C12ACOP watchdog timer.
0 = When in C12A mode, this disables the C12ACOP watchdog timer.
SEC — Security Enable Bit
This read-only bit enables the EPROM security feature. Once programmed, this bit helps to prevent
external access to the programmed EPROM data. The EPROM data cannot be verified or modified.
1 = Security enabled
0 = Security disabled
NOTE
During power-on reset, the device always will be configured as
MC68HC05C9A regardless of the state of the C12A bit.
$3FF1
Bit 7
6
5
4
3
2
1
Bit 0
Read:
SEC
C12COPE
STOPDIS
C12IRQ
C12A
Write:
= Unimplemented
Figure 1-3. Mask Option Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com